Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors PCF2131 Datasheet HTML 28Page - NXP Semiconductors PCF2131 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
001aaj326
minimum 2000 ns
minimum 500 ns
8 ms
power up
SCL
reset override
SDA/CE
Figure 11. Power-On Reset Override (PORO) sequence, valid for both I2C-bus and SPI-bus
Once the override mode is entered, the device is immediately released from the reset
state and the set-up operation can commence.
The PORO mode is cleared by writing logic 0 to POR_OVRD. POR_OVRD must be logic
1 before a re-entry into the override mode is possible. Setting POR_OVRD logic 0 during
normal operation has no effect except to prevent accidental entry into the PORO mode.
7.8 Software Reset register
Bit
7
6
5
4
3
2
1
0
Symbol
CPR
0
1
0
SR
1
0
CTS
Section
Section 7.8.2
Section 7.8.1
Section 7.8.3
Table 24. Reset - software reset control (address 05h) bit description
To
• trigger a software reset (SR), 0010 1100 (2Ch) must be sent to register Reset (address
05h). A software reset also triggers CPR and CTS
• clear prescaler (CPR), 1010 0100 (A4h) must be sent to register Reset (address 05h)
• clear timestamp (CTS), 0010 0101 (25h) must be sent to register Reset (address 05h)
It is possible to combine CPR and CTS by sending 1010 0101 (A5h).
Read of the SR_RESET register will return a fixed pattern of 00100100;
Remark: Any other value sent to this register is ignored.
7.8.1 SR - Software reset
A reset is automatically generated at power-on as Power-On Reset as described in
Section 7.7. A reset can also be initiated with the software reset command.
After software reset, the following mode is entered:
• 32.768 kHz CLKOUT active
• Power-On Reset Override (PORO) unchanged
• OTP not reloaded, OTPR unchanged.
• 24-hour mode is selected
• Battery switch-over function disabled, only one power supply (VDD)
• Temperature compensation enabled
• 100th second enabled
• Time 00:00:00.00
• Date 2001.01.01
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
25 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com