Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 50Page - NXP Semiconductors PCF2131 Datasheet HTML 51Page - NXP Semiconductors PCF2131 Datasheet HTML 52Page - NXP Semiconductors PCF2131 Datasheet HTML 53Page - NXP Semiconductors PCF2131 Datasheet HTML 54Page - NXP Semiconductors PCF2131 Datasheet HTML 55Page - NXP Semiconductors PCF2131 Datasheet HTML 56Page - NXP Semiconductors PCF2131 Datasheet HTML 57Page - NXP Semiconductors PCF2131 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
aaa-041580
seconds data 45BCD
minutes data 10BCD
addr 07h
R/W
07
xx
08
09
SCL
SDI
SDA/CE
address
counter
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
1
b7
0
b6
1
b5
0
b4
0
b3
0
b2
1
b1
0
b0
1
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
In this example, the Seconds register is set to 45 seconds and the Minutes register to 10 minutes.
Figure 27. SPI-bus write example
aaa-041581
months data 11BCD
years data 06BCD
addr 0Ch
R/W
0C
xx
0D
0E
SCL
SDI
SDA/CE
address
counter
b7
1
b6
0
b5
0
b4
0
b3
1
b2
1
b1
0
b0
0
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
1
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
0
SDO
In this example, the registers Months and Years are read. The pins SDI and SDO are not connected together. For this
configuration, it is important that pin SDI is never left floating. It must always be driven either HIGH or LOW. If pin SDI is
left open, high IDD currents may result.
Figure 28. SPI-bus read example
7.16.2 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs or
modules. The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both
lines are connected to a positive supply by a pull-up resistor. Data transfer is initiated
only when the bus is not busy.
7.16.2.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line remains
stable during the HIGH period of the clock pulse as changes in the data line at this time
are interpreted as control signals (see Figure 29).
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
54 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com