Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 28Page - NXP Semiconductors PCF2131 Datasheet HTML 29Page - NXP Semiconductors PCF2131 Datasheet HTML 30Page - NXP Semiconductors PCF2131 Datasheet HTML 31Page - NXP Semiconductors PCF2131 Datasheet HTML 32Page - NXP Semiconductors PCF2131 Datasheet HTML 33Page - NXP Semiconductors PCF2131 Datasheet HTML 34Page - NXP Semiconductors PCF2131 Datasheet HTML 35Page - NXP Semiconductors PCF2131 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
aaa-009580
SECONDS
100 Hz tick
MINUTES
HOURS
12_24
DAYS
WEEKDAY
LEAP YEAR
CALCULATION
MONTHS
YEARS
100TH_SECOND
100TH
1 Hz tick
Figure 13. Data flow for the time function
Write access requires setting the STOP bit. The flow for accurately setting the time in
RTC mode is:
• start an I2C access at register control_1
• set STOP bit
• set CPR (register SR_RESET, CPR is logic 1)
• address counter rolls over to address 06h
• set time (100th seconds, seconds to years)
• end I2C access
• wait for external time reference to indicate that time counting should start
• start an I2C access at register control_1
• clear STOP bit (time starts counting from now)
• end I2C access
The first increment of the time circuits is between 0 s and 122 ms after STOP is released.
See description for STOP bit in Section 7.15
During read operations, the time counting circuits (memory locations 06h through 0Dh)
are blocked. This prevents
• Faulty reading of the clock and calendar during a carry condition
• Incrementing the time registers during the read cycle
After this read access is completed, the time circuit is released again. Any pending
request to increment the time counters that occurred during the read access is serviced.
As a consequence of this method, it is very important to make a read access in one go.
That is, reading seconds through to years should be made in one single access. Failing
to comply with this method could result in the time becoming corrupted.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
32 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com