Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
6 Pinning information
6.1 Pinning
aaa-041885
SCL
VDD
SDI
VBAT
SDO
BBS
SDA/CE
INTA
TS1
CLKOUT
VSS
IFS
TS2
PCF2131
INTB
TS3
TS4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. Pin configuration for PCF2131 (transparent top view)
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
SCL
2
combined serial clock input for both I2C-bus and SPI-bus
SDI
3
serial data input for SPI-bus
connect to pin VSS if I2C-bus is selected
SDO
4
serial data output for SPI-bus, push-pull
leave open or connect to pin VSS if I2C-bus is selected
SDA/CE
5
combined serial data input and output for the I2C-bus and chip enable
input (active LOW) for the SPI-bus
IFS
1
interface selector input
connect to pin VSS to select the SPI-bus
connect to pin VDD to select the I2C-bus
TS1,TS2,TS3,TS4,
8,9,10,11
timestamp input (active LOW) with 500 kΩ internal pull-up resistor (RPU)
CLKOUT
6
clock output (push-pull)
VSS
7
ground supply voltage
INTB
12
interrupt B output (open-drain; active LOW)
INTA
13
interrupt A output (open-drain; active LOW)
BBS
14
output voltage (battery backed)
Table 3. Pin description
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
4 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com