Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 17Page - Advanced Micro Devices AM79C874VC Datasheet HTML 18Page - Advanced Micro Devices AM79C874VC Datasheet HTML 19Page - Advanced Micro Devices AM79C874VC Datasheet HTML 20Page - Advanced Micro Devices AM79C874VC Datasheet HTML 21Page - Advanced Micro Devices AM79C874VC Datasheet HTML 22Page - Advanced Micro Devices AM79C874VC Datasheet HTML 23Page - Advanced Micro Devices AM79C874VC Datasheet HTML 24Page - Advanced Micro Devices AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Am79C874
21
P R E L I M INARY
Figure 3.
TX± and RX± Termination for 100BASE-TX and 10BASE-T
Clock/Data Recovery
The equalized MLT-3 signal passes through a slicer cir-
cuit which then converts it to NRZI format. The Net-
PHY-1LP device uses an analog phase-locked loop
(APLL) to extract clock information from the incoming
NRZI data. The extracted clock is used to re-time the
data stream and set the data boundaries. The transmit
clock is locked to the 25-MHz clock input, while the re-
ceive clock is locked to the incoming data streams.
When initial lock is achieved, the APLL switches to lock
to the data stream, extracts a 125 MHz clock from it and
use that for bit framing to recover data. The recovered
125 MHz clock is also used to generate the 25 MHz
RX_CLK. The APLL requires no external components
for its operation and has high noise immunity and low
jitter. It provides fast phase align (lock) to data in one
transition and its data/clock acquisition time after
power-on is less than 60 transitions.
The APLL can maintain lock on run-lengths of up to 60
data bits in the absence of signal transitions. When no
valid data is present, i.e., when the SD is de-asserted,
the APLL switches back to lock with TX_CLK, thus pro-
viding a continuously running RX_CLK.
The recovered data is converted from NRZI-to-NRZ
and then to a 5-bit parallel format. The 5-bit parallel
data is not necessarily aligned to 4B/5B code-group’s
symbol boundary. The data is presented to PCS at re-
ceive data register output, gated by the 25-MHz
RX_CLK.
PLL Clock Synthesizer
The NetPHY-1LP device includes an on-chip PLL clock
synthesizer that generates a 125 MHz and a 25 MHz
clock for the 100BASE-TX or a 100 MHz and 20 MHz
clock for the 10BASE-T and Auto-Negotiation opera-
tions. Only one external 25 MHz crystal or a signal
source is required as a reference clock.
After power-on or reset, the PLL clock synthesizer is
defaulted to generating the 20 MHz clock output and
will stay active until the 100BASE-X operation mode is
selected.
RX+
TX+
RX-
TX-
0.1
µF
0.1
µF
VDD
(Note 1)
(Note 1)
470 pF, 2 kV
(chassis ground)
(8)
(7)
TX+ (1)
(5)
(4)
TX- (2)
RX+ (3)
RX- (6)
75
Ω
75
Ω
75
Ω
75
Ω
Isolation
Transformer with
common-mode
chokes
RJ45
Connector
1:1 or 1.25:1
1:1
0.1
µF
(Note 2)
(Note 2)
22235I-5
Notes:
1. 49.9
W if a 1:1 isolation transformer is used or 78.1 W if a 1.25:1 isolation transformer is used.
2. 49.9
W is normal, but 54.9 W can be used for extended cable length operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com