Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices AM79C874VC Datasheet HTML 39Page - Advanced Micro Devices AM79C874VC Datasheet HTML 40Page - Advanced Micro Devices AM79C874VC Datasheet HTML 41Page - Advanced Micro Devices AM79C874VC Datasheet HTML 42Page - Advanced Micro Devices AM79C874VC Datasheet HTML 43Page - Advanced Micro Devices AM79C874VC Datasheet HTML 44Page - Advanced Micro Devices AM79C874VC Datasheet HTML 45Page - Advanced Micro Devices AM79C874VC Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
Am79C874
P R E L I M INARY
DC CHARACTERISTICS (CONTINUED)
Notes:
1. Applies to TEST1/ FXR+, TEST0/FXR-, and SDI+ inputs only. Valid only when in PECL mode.
2. Applies to RX
– inputs when in MLT-3 mode only. The RX– input is guaranteed to assert internal signal detect for any valid
peak-to-peak input signal greater than VSDA MIN.
3. Applies to RX
– inputs when in MLT-3 mode only. The RX– input is guaranteed to de-assert internal signal for any peak to peak
signal less than VSDD MAX.
4. Applies to FXT+ and FXT- outputs only. Valid only when in PECL mode.
5. Applies to TX
– differential outputs only. Valid only when in the MLT-3 mode.
6. VTXR is the ratio of the magnitude of TX– in the positive direction to the magnitude of TX– in the negative direction.
7. Only valid for TX output when in the 10BASE-T mode.
8. An IOLL value applies to LED pins.
9. Applies to all output pins on the MII port.
10. IOZ applies to all high-impedance output pins and all bi-directional pins. For COL and CRS parameters, IOZH limits are up to
40
mA, and IOZL up to –500 mA.
11. 75% activity means 25% IPG and 75% data. 100% activity means minimum IPG.
12. Applies to digital inputs and all bidirectional pins. These pins may have internal pull-up or pull-down resistors. RX
– limits up
to 1.0 mA max for IIL and –1.0 mA for IIH. XTL– limits up to 6.0 mA for IIL and –6.0 mA for IIH. External pull-up/pull-down
resistors affect this value.
13. Parameter not measured.
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Units
VTSQ
RX
– 10BASE-T Squelch
Threshold
Sinusoid 5 MHz<f<10 MHz
300
585
mV
VTHS
RX
– Post-Squelch Differential
Threshold 10BASE-T
Sinusoid 5 MHz<f<10 MHz
150
293
mV
VRXDTH
10BASE-T RX
– Differential
Switching Threshold
Sinusoid 5 MHz<f<10 MHz
-60
60
mV
VTX10NE
10BASE-T Near-End Peak
Differential Voltage
(Note 7)
MLT-3/10BASE-T Test Load
2.2
2.8
V
IOZ
Output Leakage Current
(Note 10)
0.4 V < VOUT < VDD
-30
30
mA
CIN
Input Capacitance XTL
–
(Note 13)
3pF
ICC
Power Supply Current
10BASE-T, idle
10BASE-T, normal activity
10BASE-T, peak
100BASE-TX
100BASE-TX, no cable
Power down
-
30
105
130
100
20
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com