Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 24Page - Advanced Micro Devices AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices AM79C874VC Datasheet HTML 31Page - Advanced Micro Devices AM79C874VC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
28
Am79C874
P R E L I M INARY
PHY CONTROL AND MANAGEMENT
BLOCK (PCM BLOCK)
Register Administration for 100BASE-X
PHY Device
The management interface specified in Clause 22 of
the IEEE 802.3u standard provides for a simple two
wire, serial interface to connect a management entity
and a managed PHY for the purpose of controlling the
PHY and gathering status information. The two lines
are Management Data Input/Output (MDIO), and Man-
agement Data Clock (MDC). A station management
entity which is attached to multiple PHY entities must
have prior knowledge of the appropriate PHY address
for each PHY entity.
Description of the Methodology
The management interface physically transports man-
agement information across the MII. The information is
encapsulated in a frame format as specified in Clause
22 of IEEE 802.3u draft standard and is shown in
Table 6.
Table 6.
Clause 22 Management Frame Format
The PHYAD field, which is five bits wide, allows 32
unique PHY addresses. The managed PHY layer de-
vice that is connected to a station management entity
via the MII interface has to respond to transactions
addressed to the PHY address. A station management
entity attached to multiple PHYs, such as in a managed
802.3 Repeater or Ethernet switch, is required to have
prior knowledge of the appropriate PHY address. See
Table 7 and Figure 7.
Table 7.
PHY Address Setting Frame Structure
Figure 7.
PHY Management Read and Write Operations
PRE
ST
OP
PHYAD
REGADD
TA
DATA
IDLE
READ
1.1
01
10
AAAAA
RRRRR
Z0
D...........D
Z
WRITE
1.1
01
01
AAAAA
RRRRR
10
D...........D
Z
PRE
ST
OP
PHYAD
REGADD
TA
DATA
IDLE
READ
1.1
01
10
00000
RRRRR
Z0
XXXXXXXXXPPAAAAA
Z
WRITE
1.1
01
01
00000
RRRRR
10
XXXXXXXXXPPAAAAA
Z
Idle
Start
Opcode
(Read)
PHY Address
16h, Port 2
Register Address
MII Status, 1h
TA
Register Data
Idle
z
z
z
MDC
MDIO
(PHY)
MDIO
(STA)
z
z
0
1
1
0
1
0
1
1
0
0
0
0
0
1
0
0
1
1
0
0
00
010
0
0
0
0
1
0
z
z
Read Operation
Idle
Start
Opcode
(Write)
PHY Address
16h, Port 2
Register Address
MII Control, 0h
TA
Register Data
Idle
z
z
MDC
MDIO
(STA)
z
01
01
1
0
1
1
00
0
0
0
0
1
0
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
z
Write Operation
22235I-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com