Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices AM79C874VC Datasheet HTML 31Page - Advanced Micro Devices AM79C874VC Datasheet HTML 32Page - Advanced Micro Devices AM79C874VC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Am79C874
29
P R E L I M INARY
Bad Management Frame Handling
The management block of the device can recognize
management frames without preambles (preamble
suppression). However, if it receives a bad manage-
ment frame, it will go into a Bad Management Frame
state. It will stay in this state and will not respond to any
management frame without preambles until a frame
with a full 32-bit preamble is received, then it will return
to normal operation.
A bad management frame is a frame that does not
comply with the IEEE standard specification. It can be
one with less than 32-bit preamble, with illegal OP field,
etc. However, a frame with more than 32 preamble bits
is considered to be a good frame.
After a reset, the NetPHY-1LP device requires a mini-
mum preamble of 32 bits before management data
(MDIO) can be received. After that, the management
data being received by the NetPHY-1LP device does
not require a preamble.
REGISTER DESCRIPTIONS
The following registers given in Table 8 are supported
(register addresses are in decimal).
Table 8.
Register Summary
The Physical Address of the PHY is set using the pins
defined as PHYAD[4:0]. These input signals are
strapped externally and sampled as when reset goes
high. The PHYAD pins can be reprogrammed via soft-
ware.
Serial Management Registers
A detailed definition of each Serial Management regis-
ter follows. The mode legend is shown in Table 9.
Table 9.
Legend for Register Table
Register
Address
(in
Decimal)
Description
0
MII Management Control Register
1
MII Management Status Register
2
PHY Identifier 1 Register
3
PHY Identifier 2 Register
4
Auto-Negotiation Advertisement Register
5
Auto-Negotiation Link Partner Ability Register
6
Auto-Negotiation Expansion Register
7
Next Page Advertisement Register
8-15
Reserved
16
Miscellaneous Features Register
17
Interrupt Control/Status Register
18
Diagnostic Register
19
Power Management & Loopback Register
20
Reserved
21
Mode Control Register
22
Reserved
23
Disconnect Counter
24
Receive Error Counter
25-31
Reserved
Type
Description
RW
Readable and writable
SC
Self Clearing
LL
Latch Low until clear
RO
Read Only
RC
Cleared on the read operation
LH
Latch high until clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com