Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices AM79C874VC Datasheet HTML 31Page - Advanced Micro Devices AM79C874VC Datasheet HTML 32Page - Advanced Micro Devices AM79C874VC Datasheet HTML 33Page - Advanced Micro Devices AM79C874VC Datasheet HTML 34Page - Advanced Micro Devices AM79C874VC Datasheet HTML 35Page - Advanced Micro Devices AM79C874VC Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
Am79C874
P R E L I M INARY
PHY Identifier 2 Register (Register 3)
Table 13.
PHY Identifier 2 Register (Register 3)
Auto-Negotiation Advertisement Register (Register 4)
Table 14.
Auto-Negotiation Advertisement Register (Register 4)
Reg
Bit
Name
Description
Read/
Write
Default
3
15:10
OUI
Assigned to the 19th through 24th bits of the OUI.
RO
010101
3
9:4
Model Number
Six-bit manufacturer’s model number.
RO
100001
3
3:0
Revision Number
Four-bit manufacturer’s revision number.
RO
1011
Reg
Bit
Name
Description
Read/
Write
Default
415
Next Page
1 = Next Page enabled.
0 = Next Page disabled.
RW
0
4
14
Acknowledge
This bit will be set internally after receiving three consecutive
and consistent FLP bursts.
RO
0
4
13
Remote Fault
1 = Remote fault supported.
0 = No remote fault.
RW
0
4
12:11
Reserved
For future technology.
RW
0
410
FDFC
Full Duplex Flow Control:
1 = Advertise that the DTE(MAC) has implemented both the
optional MAC control sublayer and the pause function as
specified in clause 31 and annex 31 B of 802.3u.
0 = No MAC-based full duplex flow control.
RW
0
4
9
100BASE-T4
NetPHY-1LP device does not support 100BASE-T4 function,
i.e., this bit ties to zero.
RO
0
48
100BASE-TX
Full Duplex
1 = 100BASE-TX Full Duplex.
0 = No 100BASE-TX Full Duplex ability.
Default is set by Register 1.14.
RW
set by
TECH [2:0]
pins
47
100BASE-TX
Half Duplex
1 = 100BASE-TX Half Duplex.
0 = No 100BASE-TX Half Duplex capability.
Default is set by Register 1.13
RW
set by
TECH[2:0]
pins
46
10BASE-T
Full Duplex
1 = 10 Mbps Full Duplex.
0 = No 10 Mbps Full Duplex capability.
Default is set by Register 1.12.
RW
set by
TECH[2:0]
pins
45
10BASE-T
Half Duplex
1 = 10 Mbps Half Duplex.
0 = No 10 Mbps Half Duplex capability
Default is set by Register 1.11.
RW
set by
TECH[2:0]
pins
4
4:0
Selector Field
[00001] = IEEE 802.3.
RO
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com