Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 43Page - Advanced Micro Devices AM79C874VC Datasheet HTML 44Page - Advanced Micro Devices AM79C874VC Datasheet HTML 45Page - Advanced Micro Devices AM79C874VC Datasheet HTML 46Page - Advanced Micro Devices AM79C874VC Datasheet HTML 47Page - Advanced Micro Devices AM79C874VC Datasheet HTML 48Page - Advanced Micro Devices AM79C874VC Datasheet HTML 49Page - Advanced Micro Devices AM79C874VC Datasheet HTML 50Page - Advanced Micro Devices AM79C874VC Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Am79C874
47
P R E L I M INARY
MII Management Signals
Figure 16.
Management Bus Transmit Timing
Figure 17.
Management Bus Receive Timing
Symbol
Parameter Description
Min.
Max.
Unit
tMDPER
MDC Period
40
ns
tMDWH
MDC Pulse Width HIGH
16
ns
tMDWL
MDC Pulse Width LOW
16
ns
tMDPD
MDIO Delay From Rising Edge of MDC
20
ns
tMDS
MDIO Setup Time to Rising Edge of MDC
4
ns
tMDH
MDIO Hold Time From Rising Edge of MDC
3
ns
MDC
tMDWH
tMDWL
tMDPER
MDIO
tMDPD
mdio_tx.vsd
22235I-18
MDC
MDIO
tMDS
tMDH
22235I-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com