Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 44Page - Advanced Micro Devices AM79C874VC Datasheet HTML 45Page - Advanced Micro Devices AM79C874VC Datasheet HTML 46Page - Advanced Micro Devices AM79C874VC Datasheet HTML 47Page - Advanced Micro Devices AM79C874VC Datasheet HTML 48Page - Advanced Micro Devices AM79C874VC Datasheet HTML 49Page - Advanced Micro Devices AM79C874VC Datasheet HTML 50Page - Advanced Micro Devices AM79C874VC Datasheet HTML 51Page - Advanced Micro Devices AM79C874VC Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
Am79C874
P R E L I M INARY
MII Signals
100 Mbps MII Transmit Timing
Figure 18.
100 Mbps MII Transmit Start of Packet Timing
Symbol
Parameter Description
Min.
Max.
Unit
tMTS100
TX_ER,TX_EN, TXD[3:0] Setup Time to TX_CLK Rising Edge
12
-
ns
tMTH100
TX_ER, TX_EN, TXD[3:0] Hold time From TX_CLK Rising Edge
0
-
ns
tMTEJ100
Transmit Latency TX_EN Sampled by TX_CLK to First Bit of /J/
60
140
ns
tMTECRH100
CRS Assert From TX_EN Sampled HIGH
-
40
ns
tMTECOH100
COL Assert From TX_EN Sampled HIGH
-
200
ns
tMTDCRL100
CRS De-assert From TX_EN Sampled LOW
-
160
ns
tMTDCOL100
COL De-assert From TX_EN Sampled LOW
13
240
ns
tMTIDLE100
Required De-assertion Time Between Packets
120
-
ns
tMTP100
TX_CLK Period
39.998
40.002
ns
tMTWH100
TX_CLK HIGH
18
22
ns
tMTWL100
TX_CLK LOW
18
22
ns
TX_CLK
TX_EN
tMTS100
CRS
COL
TXD[3:0]
TX_ER
TX±
tMTWH100
tMTWL100
tMTP100
tMTECRH100
tMTECOH100
tMTEJ100
tMTS100
tMTH100
/J/
22235I-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com