Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 46Page - Advanced Micro Devices AM79C874VC Datasheet HTML 47Page - Advanced Micro Devices AM79C874VC Datasheet HTML 48Page - Advanced Micro Devices AM79C874VC Datasheet HTML 49Page - Advanced Micro Devices AM79C874VC Datasheet HTML 50Page - Advanced Micro Devices AM79C874VC Datasheet HTML 51Page - Advanced Micro Devices AM79C874VC Datasheet HTML 52Page - Advanced Micro Devices AM79C874VC Datasheet HTML 53Page - Advanced Micro Devices AM79C874VC Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
50
Am79C874
P R E L I M INARY
100 Mbps MII Receive Timing
Figure 20.
100 Mbps MII Receive Start of Packet Timing
Symbol
Parameter Description
Min.
Max.
Unit
tMRJCRH100
CRS HIGH After First Bit of /J/
-
200
ns
tMRJCOH100
COL HIGH After First Bit of /J/
80
150
ns
tMRTCRL100
First Bit of /T/ to CRS LOW
130
240
ns
tMRTCOL100
First Bit of /T/ to COL LOW
130
240
ns
tMRERL100
First Bit of /T/ to RXD[3:0], RX_DV De-Asserting (Going LOW)
120
140
ns
tMRJRA100
First Bit of/J/ to RXD[3:0], RX_DV, and RX_EN Active
TBD
TBD
ns
tMRRDC100
RXD[3:0], RX_DV, RX_ER valid prior to the Rising Edge of
RX_CLK
10
ns
tMRCRD100
RXD[3:0], RX_DV, RX_ER valid after the Rising Edge of RX_CLK
10
ns
RX±
CRS
COL
RX_DV
tMRJCOH100
tMRJRA100
/J/K/
RX_CLK
RXD[3:0]
RX_ER
tMRJCRH100
tMRRDC100
tMRCRD100
22235I-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com