Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices AM79C874VC Datasheet HTML 31Page - Advanced Micro Devices AM79C874VC Datasheet HTML 32Page - Advanced Micro Devices AM79C874VC Datasheet HTML 33Page - Advanced Micro Devices AM79C874VC Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
30
Am79C874
P R E L I M INARY
MII Management Control Register (Register 0)
Table 10.
MII Management Control Register (Register 0)
Reg
Bit
Name
Description
Read/
Write
Default
0
15
Reset
1 = PHY reset.
0 = Normal operation.
This bit is self-clearing.
RW/SC
0
0
14
Loopback
1 = Enable loopback mode. This will loopback TXD to RXD, thus it
will ignore all the activity on the cable media. During loopback, a
10-Mbps link is sent to the link partner (Register 21, bit 14 is forced.)
0 = Disable Loopback mode. Normal operation.
RW
0
0
13
Speed Select
1 = 100 Mbps, 0 = 10 Mbps. This bit will be ignored if Auto
Negotiation is enabled (0.12 = 1).
Refer to Table 3 to determine when this bit can be changed.
RW
Set by
TECH[2:0]
pins
012
Auto-Neg
Enable
1 = Enable auto-negotiate process (overrides 0.13 and 0.8).
0 = Disable auto-negotiate process. Mode selection is controlled via
bit 0.8, 0.13 or through TECH[2:0] pins.
Refer to Table 3 to determine when this bit can be changed.
RW
Set by
ANEGA
pin
011
Power Down
1 = Power down. The NetPHY-1LP device will shut off all blocks
except for MDIO/MDC interface. Setting PWRDN pin to high will
achieve the same result.
0 = Normal operation.
RW
0
010
Isolate
1 = Electrically isolate the PHY from MII. However, PHY is still able
to respond to MDC/MDIO. The default value of this bit depends on
ISODEF pin, i.e., ISODEF=1, ISO bit will set to 1, & ISODEF=0, ISO
bit will set to 0.
0 = Normal operation.
RW
Set by
ISODEF
pin
09
Restart Auto-
Negotiation
1 = Restart Auto-Negotiation process.
0 = Normal operation.
RW/SC
0
0
8
Duplex Mode
1 = Full duplex, 0 = Half duplex.
Refer to Table 3 to determine when this bit can be changed.
RW
Set by
TECH[2:0]
pins
0
7
Collision Test
1 = Enable collision test, which issues the COL signal in response
to the assertion of TX_EN signal. Collision test is disabled if PCSBP
pin is high. Collision test is enabled regardless of the duplex mode.
0 = disable COL test.
RW
0
0
6:0
Reserved
Write as 0, ignore when read.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com