Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 11Page - Advanced Micro Devices AM79C874VC Datasheet HTML 12Page - Advanced Micro Devices AM79C874VC Datasheet HTML 13Page - Advanced Micro Devices AM79C874VC Datasheet HTML 14Page - Advanced Micro Devices AM79C874VC Datasheet HTML 15Page - Advanced Micro Devices AM79C874VC Datasheet HTML 16Page - Advanced Micro Devices AM79C874VC Datasheet HTML 17Page - Advanced Micro Devices AM79C874VC Datasheet HTML 18Page - Advanced Micro Devices AM79C874VC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Am79C874
15
P R E L I M INARY
FUNCTIONAL DESCRIPTION
The NetPHY-1LP device integrates the 100BASE-X
PCS, PMA, and PMD functions and the 10BASE-T
Manchester ENDEC and transceiver functions in a sin-
gle chip for Ethernet 10 Mbps and 100 Mbps opera-
tions. It performs 4B/5B, MLT3, NRZI, and Manchester
encoding and decoding, clock and data recovery,
stream cipher scrambling/descrambling, adaptive
equalization, line transmission, carrier sense and link
integrity monitor, Auto-Negotiation, and MII manage-
ment functions. It provides an IEEE 802.3u compatible
Media Independent Interface (MII) to communicate
with an Ethernet Media Access Controller (MAC). Se-
lection of 10 Mbps or 100 Mbps operation is based on
settings of internal Serial Management Interface regis-
ters or determined by the on-chip Auto-Negotiation
logic. The device can be set to operate either in full-du-
plex mode or half-duplex mode for either 10 Mbps or
100 Mbps.
The NetPHY-1LP device communicates with a re-
peater, switch, or MAC device through either the Media
Independent Interface (MII) or the 10 Mbps 7-wire
(GPSI) interface.
The NetPHY-1LP device consists of the following func-
tional blocks:
s MII Mode
s 7-Wire (GPSI) Mode
s PCS Bypass (5B Symbol) Mode
s 100BASE-X Block including:
— Transmit Process
— Receive Process
— 4B/5B Encoder and Decoder
— Scrambler and Descrambler
— Link Monitor
— MLT-3
— Adaptive Equalizer
— Baseline Wander Compensation
— Clock/Data Recovery
— PLL Clock Synthesizer
s 10BASE-T Block including:
— Transmit Process
— Receive Process
— Interface Status
— Collision Detect
— Jabber
— Reverse Polarity Detection and Correction
s Auto-Negotiation and miscellaneous functions in-
cluding:
— Auto-Negotiation
— Parallel Detection
— Far-End Fault
— SQE (Heartbeat)
— Loopback Operation
— Reset
s LED Port Configuration
s Power Savings Mechanisms including:
— Selectable Transformer
— Power Down
— Unplugged
— Idle Wire
s PHY Control and Management
Modes of Operation
The MII/GPSI/5B Symbol interface provides the data
path connection between the NetPHY-1LP transceiver
and the Media Access Controller (MAC), repeater, or
switch. The MDC and MDIO pins are responsible for
communication between the NetPHY-1LP transceiver
and the station management entity (STA). The MDC
and MDIO pins can be used in any mode of operation.
MII Mode
The purpose of the MII mode is to provide a simple,
easy to implement connection between the MAC Rec-
onciliation layer and the PHY. The MII is designed to
make the differences between various media transpar-
ent to the MAC sublayer.
The MII consists of a nibble wide receive data bus, a
nibble wide transmit data bus, and control signals to fa-
cilitate data transfers between the PHY and the Recon-
ciliation layer.
s TXD (transmit data) is a nibble (4 bits) of data that
are driven by the reconciliation sublayer synchro-
nously with respect to TX_CLK. For each TX_CLK
period which TX_EN is asserted, TXD[3:0] are ac-
cepted for transmission by the PHY.
s TX_CLK (transmit clock) output to the MAC recon-
ciliation sublayer is a continuous clock that provides
the timing reference for the transfer of the TX_EN,
TXD, and TX_ER signals.
s TX_EN (transmit enable) input from the MAC recon-
ciliation sublayer to indicate nibbles are being
presented on the MII for transmission on the physi-
cal medium. TX_ER (transmit coding error) transi-
tions synchronously with respect to TX_CLK. If
TX_ER is asserted for one or more clock periods,
and TX_EN is asserted, the PHY will emit one or
more symbols that are not part of the valid data de-
limiter set somewhere in the frame being transmit-
ted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com