Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 37Page - Advanced Micro Devices AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices AM79C874VC Datasheet HTML 39Page - Advanced Micro Devices AM79C874VC Datasheet HTML 40Page - Advanced Micro Devices AM79C874VC Datasheet HTML 41Page - Advanced Micro Devices AM79C874VC Datasheet HTML 42Page - Advanced Micro Devices AM79C874VC Datasheet HTML 43Page - Advanced Micro Devices AM79C874VC Datasheet HTML 44Page - Advanced Micro Devices AM79C874VC Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Am79C874
41
P R E L I M INARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . .-55°C to +150°C
Ambient Temperature Under Bias . . . -55
•C to +150•C
Supply Voltage . . . . . . . . . . . . . . . . . . -0.5 V to +5.5 V
Voltage Applied to any input pin . . . . . . . -0.5 V to VDD
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Function-
ality at or above these limits is not implied. Exposure to
absolute maximum ratings for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C):
Operating Temperature (TA) . . . . . . . . . 0°C to +70°C
Supply Voltage (All VDD) . . . . . . . . . . . . . . +3.3 V ±5%
Supply Voltage (5-V tolerant pins). . . . . . . +5.0 V ±5%
Industrial (I):
Operating Temperature (TA) . . . . . . . . -40°C to +85°C
Supply Voltage (All VDD) . . . . . . . . . . . . . . +3.3 V ±5%
Supply Voltage (5-V tolerant pins). . . . . . . +5.0 V ±5%
Operating ranges define those limits between which
functionality of the device is guaranteed.
DC CHARACTERISTICS
Note: Parametric values are the same for Commercial and Industrial devices.
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Units
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
VOL
Output LOW Voltage
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage
IOH = -4 mA
2.4
V
VOLL
Output LOW Voltage (LED)
IOL (LED) = 10 mA
0.4
V
VOHL
Output HIGH Voltage (LED)
IOL (LED) = -10 mA
VDD –0.4
V
VCMP
Input Common-Mode Voltage
PECL (Note 1)
VDD – 1.5
VDD – 0.7
V
VIDIFFP
Differential Input Voltage
PECL (Note 1)
VDD = Maximum
400
1,100
mV
VOHP
Output HIGH Voltage PECL
(Note 4)
PECL Load
VDD – 1.025
VDD – 0.60
V
VOLP
Output LOW Voltage PECL
(Note 4)
PECL Load
VDD – 1.81
VDD – 1.62
V
VSDA
Signal Detect Assertion
Threshold P/P (Note 2)
MLT-3/10BASE-T Test Load
-
1000
mV
VSDD
Signal Detect Deassertion
Threshold P/P (Note 3)
MLT-3/10BASE-T Test Load
200
-
mV
IIL
Input LOW Current (Note 12)
VDD = Maximum
VIN = 0.0 V
-40
mA
IIH
Input HIGH Current (Note 12)
VDD = Maximum
VIN = 2.7 V
40
mA
VTXOUT
Differential Output Voltage
(Note 5)
MLT-3/10BASE-T Test Load
950
1050
mV
VTXOS
Differential Output Overshoot
(Note 5)
MLT-3/10BASE-T Test Load
-
0.05 * VTXOUT
V
VTXR
Differential Output Voltage
Ratio (Note5 & Note 6)
MLT-3/10BASE-T Test Load
0.98
1.02
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com