Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 33Page - Advanced Micro Devices AM79C874VC Datasheet HTML 34Page - Advanced Micro Devices AM79C874VC Datasheet HTML 35Page - Advanced Micro Devices AM79C874VC Datasheet HTML 36Page - Advanced Micro Devices AM79C874VC Datasheet HTML 37Page - Advanced Micro Devices AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices AM79C874VC Datasheet HTML 39Page - Advanced Micro Devices AM79C874VC Datasheet HTML 40Page - Advanced Micro Devices AM79C874VC Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Am79C874
37
P R E L I M INARY
Interrupt Control/Status Register (Register 17)
Table 20.
Interrupt Control/Status Register (Register 17)
Note: * See Interrupt Source Table for bit assignments.
Diagnostic Register (Register 18)
Table 21.
Diagnostic Register (Register 18)
Reg
Bit
Name
Description
Read/
Write
Default
17
15
Jabber_IE
Jabber Interrupt Enable
RW
0
17
14
Rx_Er_IE
Receive Error Interrupt Enable
RW
0
17
13
Page_Rx_IE
Page Received Interrupt Enable
RW
0
17
12
PD_Fault_IE
Parallel Detection Fault Interrupt Enable
RW
0
17
11
LP_Ack_IE
Link Partner Acknowledge Interrupt Enable
RW
0
17
10
Link_Not_OK_ IE
Link Status Not OK Interrupt Enable
RW
0
17
9
R_Fault_IE
Remote Fault Interrupt Enable
RW
0
17
8
ANeg_Comp_IE
Auto-Negotiation Complete Interrupt Enable
RW
0
17
7
Jabber_Int
This bit is set when a jabber event is detected.
RC
0
17
6
Rx_Er_Int
This bit is set when RX_ER transitions high.
RC
0
17
5
Page_Rx_Int
This bit is set when a new page is received from link partner
during Auto-Negotiation.
RC
0
17
4
PD_Fault_Int
This bit is set for a parallel detection fault.
RC
0
17
3
LP_Ack_Int
This bit is set when an FLP with the acknowledge bit set is
received.
RC
0
17
2
Link_Not_OK Int
This bit is set when link status switches from OK status to Not-OK
(Fail or Ready).
RC
0
17
1
R_Fault_Int
This bit is set when a remote fault is detected.
RC
0
17
0
A_Neg_Comp Int
This bit is set when Auto-Negotiation is complete.
RC
0
Reg
Bit
Name
Description
Read/
Write
Default
18
15:12
Reserved
Ignore when read.
RO
0
18
11
DPLX
1 = The result of Auto-Negotiation for Duplex is Full-duplex.
0 = The result of Auto-Negotiation for Duplex is Half-duplex.
RO
0
18
10
Data Rate
1 = The result of Auto-Negotiation for data-rate arbitration is 100
Mbps.
0 = The result of Auto-Negotiation for data-rate arbitration is 10
Mbps.
RO
0
18
9
RX_PASS
Operating in 100BASE-X mode:
1 = A valid signal has been received but the PLL has not
necessarily locked.
0 = A valid signal has not been received.
Operating in 10BASE-T mode:
1 = Manchester data has been detected.
0 = Manchester data has not been detected.
RO
0
18
8
RX_LOCK
1 = Receive PLL has locked onto received signal for selected
data-rate (10BASE-T or 100BASE-X).
0 = Receive PLL has not locked onto received signal.
This bit remains set until it is read.
RO/RC
0
18
7:0
Reserved
Ignore when read.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com