Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 52Page - Advanced Micro Devices AM79C874VC Datasheet HTML 53Page - Advanced Micro Devices AM79C874VC Datasheet HTML 54Page - Advanced Micro Devices AM79C874VC Datasheet HTML 55Page - Advanced Micro Devices AM79C874VC Datasheet HTML 56Page - Advanced Micro Devices AM79C874VC Datasheet HTML 57Page - Advanced Micro Devices AM79C874VC Datasheet HTML 58Page - Advanced Micro Devices AM79C874VC Datasheet HTML 59Page - Advanced Micro Devices AM79C874VC Datasheet HTML 60Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
58
Am79C874
P R E L I M INARY
10 Mbps GPSI Transmit Timing
Figure 30.
GPSI Transmit Timing - Start of Transmission
10 Mbps GPSI Transmit Timing
Figure 31.
GPSI Transmit 10TXCLK and 10TXD Timing
Figure 32.
Test Load for 10RXD, 10CRS, 10RXCLK, 10TXCLK and 10COL
Symbol
Parameter Description
Min.
Max.
Unit
tGTTX
Delay from the rising edge of the 10TXCLK which first clocks
10TXEN HIGH to TX± toggling LOW
240
360
ns
10TXCLK
10TXEN
TX±
tGTTX
22235I-32
Symbol
Parameter Description
Min.
Max.
Unit
tGTCDH
10TXCLK to 10TXD or 10TXEN Hold Time
20
ns
tGDTCS
10TXD or 10TXEN to 10TXCLK Setup Time
20
ns
tGTCH
10TXCLK Width HIGH
45
55
ns
tGTCL
10TXCLK Width LOW
45
55
ns
tGTCP
10TXCLK Period
99,995
100,005
ns
10TXCLK
10TXD
10TXEN
tGTCDH
tGDTCS
tGTCDH
tGTCP
tGTCH
tGTCL
22235E-36
50 pF
DUT
22235E-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com