Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices AM79C874VC Datasheet HTML 31Page - Advanced Micro Devices AM79C874VC Datasheet HTML 32Page - Advanced Micro Devices AM79C874VC Datasheet HTML 33Page - Advanced Micro Devices AM79C874VC Datasheet HTML 34Page - Advanced Micro Devices AM79C874VC Datasheet HTML 35Page - Advanced Micro Devices AM79C874VC Datasheet HTML 36Page - Advanced Micro Devices AM79C874VC Datasheet HTML 37Page - Advanced Micro Devices AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
Am79C874
P R E L I M INARY
Auto-Negotiation Expansion Register (Register 6)
Table 17.
Auto-Negotiation Expansion Register (Register 6)
Reg
Bit
Name
Description
Read/
Write
Default
6
15:5
Reserved
Ignore when read.
RO
0
64
Parallel Detection
Fault
1 = Fault detected by parallel detection logic. This fault is due to
more than one technology detecting concurrent link up
conditions. This bit is cleared upon reading this register.
0 = No fault detected by parallel detection logic.
RO/LH
0
63
Link Partner Next
Page Able
1 = Link partner supports next page function.
0 = Link partner does not support next page function.
RO
0
6
2
Next Page Able
Next page is supported. This bit is permanently tied to 1.
RO
1
6
1
Page Received
This bit is set when a new link code word has been received into
the Auto-Negotiation Link Partner Ability Register. This bit is
cleared upon reading this register.
RO/LH
0
60
Link Partner Auto-
Negotiation Able
1 = Link partner is auto-negotiation able.
0 = Link partner is not auto-negotiation able.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com