Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C874VC Datasheet HTML 1Page - Advanced Micro Devices AM79C874VC Datasheet HTML 2Page - Advanced Micro Devices AM79C874VC Datasheet HTML 3Page - Advanced Micro Devices AM79C874VC Datasheet HTML 4Page - Advanced Micro Devices AM79C874VC Datasheet HTML 5Page - Advanced Micro Devices AM79C874VC Datasheet HTML 6Page - Advanced Micro Devices AM79C874VC Datasheet HTML 7Page - Advanced Micro Devices AM79C874VC Datasheet HTML 8Page - Advanced Micro Devices AM79C874VC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
PRELIMINARY
Publication# 22235 Rev: I Amendment/0
Issue Date: April 2001
Refer to AMD’s Website (www.amd.com) for the latest information.
Am79C874
NetPHY™-1LP Low Power 10/100-TX/FX Ethernet Transceiver
DISTINCTIVE CHARACTERISTICS
s 10/100BASE-TX Ethernet PHY device with
100BASE-FX fiber optic support
s Typical power consumption of 0.3 W
s Sends/receives data reliably over cable lengths
greater than 130 meters
s MII mode supports 100BASE-X and 10BASE-T
s 7-Wire (General Purpose Serial Interface (GPSI))
mode supports 10BASE-T
s Three PowerWise™ management modes (from
300 mW typical)
— Power down: only management responds
Typical power = 3 mW
— Unplugged: no cable, no receive clock
Typical power = 100 mW
— Idle wire: no wire signal, no receiver power
Typical power = 285 mW; MAC saves over
100 mW
s Supports 1:1 or 1.25:1 transmit transformer
— Using a 1.25:1 ratio saves 20% transmit
power consumption
— No external filters or chokes required
s Waveshaping – no external filter required
s Full and half-duplex operation with full-featured
Auto-Negotiation function
s LED indicators: Link, TX activity, RX activity,
Collision, 10 Mbps, 100 Mbps, Full or Half
Duplex
s MDIO/MDC operates up to 25 MHz
s Automatic Polarity Detection
s Built-in loopback and test modes
s Single 3.3-V power supply with 5-V I/O tolerance
s 12 mm x 12 mm 80-pin TQFP package
s Support for industrial temperature
(-40°C to +85°C)
GENERAL DESCRIPTION
The Am79C874 NetPHY-1LP device provides the phys-
ical (PHY) layer and transceiver functions for one
10/100 Mbps Ethernet port. It delivers the dual benefits
of CMOS low power consumption and small package
size. Operating at 3.3 V, it consumes only 0.3 W. Three
power management modes provide options for even
lower power consumption levels. The small 12x12 mm
80-pin PQL package conserves valuable board space
on adapter cards, switch uplinks, and embedded Ether-
net applications.
The NetPHY-1LP 10/100 Mbps Ethernet PHY device is
IEEE 802.3 compliant. It can receive and transmit data
reliably at over 130 meters. It includes on-chip input fil-
tering and output waveshaping for unshielded twisted
pair operation without requiring external filters or
chokes. The NetPHY-1LP device can use 1:1 isolation
transformers or 1.25:1 isolation transformers. 1.25:1
isolation transformers provide 20% lower transmit
power consumption. A PECL interface is available for
100BASE-FX applications.
Interface to the Media Access Controller (MAC) layer is
established via the standard Media Independent Inter-
face (MII), a 5-bit symbol interface, or a 7-wire (GPSI)
interface. Auto-Negotiation determines the network
speed and full or half-duplex operation. Automatic po-
larity correction is performed during Auto-Negotiation
and during 10BASE-T signal reception.
Multiple LED pins are provided for front panel status
feedback. One option is to use two bi-color LEDs to
show when the device is in 100BASE-TX or 10BASE-T
mode (by illuminating), Half or Full Duplex (by the
color), and when data is being received (by blinking).
Individual LEDs can indicate link detection, collision
detection, and data being transmitted.
The NetPHY-1LP device needs only one external 25-
MHz oscillator or crystal because it uses a dual-speed
clock synthesizer to generate all other required clock
domains. The receiver has an adaptive equalizer/DC
restoration circuit for accurate clock/data recovery from
the 100BASE-TX signal.
The NetPHY-1LP device is available in the commercial
(0°C to +70°C) or industrial (-40°C to +85°C) tempera-
ture ranges. The industrial temperature range is well
suited to environments, such as enclosures with re-
stricted air flow or outdoor equipment.


Similar Part No. - AM79C874VC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C875KC AMD-AM79C875KC Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C875KI AMD-AM79C875KI Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
More results

Similar Description - AM79C874VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
10/100 BASE TX/FX HEX TRANSCEIVER
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com