Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 21Page - Advanced Micro Devices AM79C874VC Datasheet HTML 22Page - Advanced Micro Devices AM79C874VC Datasheet HTML 23Page - Advanced Micro Devices AM79C874VC Datasheet HTML 24Page - Advanced Micro Devices AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Am79C874
25
P R E L I M INARY
External loopback can be accomplished using an ex-
ternal loopback cable with TX± connected to RX±. Ex-
ternal loopback works for both 10 Mbps and 100 Mbps
after setting Register 0, bit 8 to force full duplex and bit
13 to set the speed.
Reset
The NetPHY-1LP device can be reset in the three fol-
lowing ways:
1. During initial power on (with internal power on reset
circuit).
2. At hardware reset. A logic low signal of 10 ms pulse
width applied to the RST pin.
3. At software reset. Write a 1 to MII Register 0, bit 15.
LED Port Configuration
The NetPHY-1LP device has several pins that are used
for both device configuration and LED drivers. These
pins set the configuration of the device on the rising
edge of RST and thereafter indicate the state of the re-
spective port. See Table 4 for standard LED selections
and Table 5 for advanced LED selections.
The polarity of the LED drivers (Active-LOW or Active-
HIGH) is set at the rising edge of RST. If the pin is LOW
at the rising edge of RST, it becomes an active-HIGH
driver. If it is HIGH at the rising edge of RST, it becomes
an active-LOW driver.
Proper configuration requires pull-up or pull-down re-
sistors. As shown in the Pin Description sections, each
of the LED/Configuration pins has internal pull-up re-
sistors. If the pin’s LED functionality is not used, the pin
may still need to be terminated via an external pull-
down resistor according to the desired configuration.
The resistor value is not critical and can be in the range
of 1 k
W to 10 kW. If the corresponding LED is used, the
terminating resistor must be placed in parallel with the
LED. Suggested LED connection diagrams simplifying
the board design are shown in Figure 5 (standard) and
Figure 6 (advanced).
The value of the series resistor (RL) should be selected
to ensure sufficient illumination of the LED. It is depen-
dent on the rating of the LED.
Table 4.
Standard LED Selections
Notes:
1. 1 means on (logic level low since active low).
2. 0 means off (logic level high since active low).
3. T means toggles (will end at logic level high).
MODE
LEDSDP[0]
LEDSDP[1]
LEDLNK
LEDDPX
LEDTX
LEDRX
LEDCOL
No Link
0
0
0
0
0
0
0
10HD-RX
0
1
1
0
0
T
0
10HD-TX
0
1
1
0
T
0
0
10HD-COL
0
1
1
0
T
T
T
10FD-RX
0
1
1
1
0
T
0
10FD-TX
0
1
1
1
T
0
0
10FD-RX+TX
0
1
1
1
T
T
0
100HD-RX
1
0
1
0
0
T
0
100HD-TX
1
0
1
0
T
0
0
100HD-COL
1
0
1
0
T
T
T
100FD-RX
1
0
1
1
0
T
0
100FD-TX
1
0
1
1
T
0
0
100FD-RX+TX
1
0
1
1
T
T
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com