Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 34Page - Advanced Micro Devices AM79C874VC Datasheet HTML 35Page - Advanced Micro Devices AM79C874VC Datasheet HTML 36Page - Advanced Micro Devices AM79C874VC Datasheet HTML 37Page - Advanced Micro Devices AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices AM79C874VC Datasheet HTML 39Page - Advanced Micro Devices AM79C874VC Datasheet HTML 40Page - Advanced Micro Devices AM79C874VC Datasheet HTML 41Page - Advanced Micro Devices AM79C874VC Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
Am79C874
P R E L I M INARY
Power/Loopback Register (Register 19)
Table 22.
Power/Loopback Register (Register 19)
Reg
Bit
Name
Description
Read/
Write
Default
19
14:7
Reserved
RW
00
19
6
TP125
Transmit transformer ratio selection:
1 = 1.25:1
0 = 1:1
The default value of this bit is controlled by reset-read value of pin
20.
RW
0
19
5
Low Power Mode
1 = Enable advanced power saving mode.
0 = Disable advanced power saving mode
Note: Under normal operating conditions, this mode should never
be disabled. Power dissipation will exceed data sheet values, as
circuitry for both 10 Mbps and 100 Mbps will be turned on.
RW
1
19
4
Test Loopback
1 = Enable test loopback. Data will be transmitted from MII
interface to clock recovery and loopback to MII received data.
RW
0
19
3
Digital loopback
1 = Enable loopback.
0 = Normal operation.
RW
0
19
2
LP_LPBK
1 = Enable link pulse loopback.
0 = Normal operation.
RW
0
19
1
NLP Link Integrity
Test
1 = In Auto-Negotiation test mode, send NLP instead of FLP in
order to test NLP receive integrity.
0 = Sending FLP in Auto-Negotiation test mode.
RW
0
19
0
Reduce Timer
1 = Reduce time constant for Auto-Negotiation timer.
0 = Normal operation.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com