Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 52Page - Advanced Micro Devices AM79C874VC Datasheet HTML 53Page - Advanced Micro Devices AM79C874VC Datasheet HTML 54Page - Advanced Micro Devices AM79C874VC Datasheet HTML 55Page - Advanced Micro Devices AM79C874VC Datasheet HTML 56Page - Advanced Micro Devices AM79C874VC Datasheet HTML 57Page - Advanced Micro Devices AM79C874VC Datasheet HTML 58Page - Advanced Micro Devices AM79C874VC Datasheet HTML 59Page - Advanced Micro Devices AM79C874VC Datasheet HTML 60Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
56
Am79C874
P R E L I M INARY
GPSI Signals
10 Mbps GPSI Receive Timing
Figure 26.
GPSI Receive Timing - Start of Reception
10 Mbps GPSI Receive Timing
Figure 27.
GPSI Receive Timing - End of Reception (Last Bit = 0)
Symbol
Parameter Description
Min.
Max.
Unit
tGCD
10CRS HIGH To First Bit Of Data
750
850
ns
tGRCD
Rising Edge of 10RXCLK to 10RXD or 10CRS
45
55
ns
RX ±
Bit Cell 1
1
Bit Cell 2
0
Bit Cell 3
1
Bit Cell 4
0
Bit Cell 5
1
10CRS
10RXCLK
10RXD
10
1
0
1
tGCD
tGRCD
tGRCD
22235I-28
Symbol
Parameter Description
Min.
Max.
Unit
tGRCD
Rising Edge of 10RXCLK to 10RXD or 10CRS
45
55
ns
0
Bit N
1
Bit (N _ 1)
Bit (N _ 1)
Bit N
RX±
10CRS
10RXCLK
10RXD
tGRCD
tGRCD
22235I-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com