Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 22Page - Advanced Micro Devices AM79C874VC Datasheet HTML 23Page - Advanced Micro Devices AM79C874VC Datasheet HTML 24Page - Advanced Micro Devices AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices AM79C874VC Datasheet HTML 28Page - Advanced Micro Devices AM79C874VC Datasheet HTML 29Page - Advanced Micro Devices AM79C874VC Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
Am79C874
P R E L I M INARY
Figure 5.
Standard LED Configuration
Table 5.
Advanced LED Selections
Notes:
1. LED flashes for RX and TX activity.
2. LED flashes for RX activity.
3. 0 means logic level low at the pin.
4. 1 means logic level high at the pin.
MODE
LEDBTX/ LEDBTA
(Pin 44)
LEDTX/ LEDBTB
(Pin 47)
LEDBT/ LEDTXA
(Pin 57)
LEDFDX/ LEDTXB
(Pin 58)
No Link
0
0
0
0
10BT Half Duplex
1
0
0
0
10BT Half Activity
Flash (Note 1)
0
0
0
10BT Full Duplex
0
1
0
0
10BT Full Activity
0
Flash (Note 2)
0
0
100BT Half Duplex
0
0
1
0
100BT Half Activity
0
0
Flash (Note 1)
0
100BT Full Duplex
0
0
0
1
100BT Full Activity
0
0
0
Flash (Note 2)
330
VCC
100 Mbps
LEDSPD[0]
10 Mbps
LEDSP[1]
Collision
LEDCOL
Duplex
LEDDPX
Transmit
LEDTX
Receive
LEDRX
Link (Note 1)
LEDLNK
Link (Note 2)
LEDLNK
LED
330
VCC
LED
330
VCC
LED
330
VCC
LED
330
VCC
LED
330
VCC
LED
330
VCC
LED
330
LED
22235I-7
Notes:
1. Use for non 7-wire interface configurations.
2. Use for 7-wire interface configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com