Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874VC Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 50Page - Advanced Micro Devices AM79C874VC Datasheet HTML 51Page - Advanced Micro Devices AM79C874VC Datasheet HTML 52Page - Advanced Micro Devices AM79C874VC Datasheet HTML 53Page - Advanced Micro Devices AM79C874VC Datasheet HTML 54Page - Advanced Micro Devices AM79C874VC Datasheet HTML 55Page - Advanced Micro Devices AM79C874VC Datasheet HTML 56Page - Advanced Micro Devices AM79C874VC Datasheet HTML 57Page - Advanced Micro Devices AM79C874VC Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
54
Am79C874
P R E L I M INARY
10 Mbps MII Receive Timing
Figure 24.
10 Mbps MII Receive Start of Packet Timing
Symbol
Parameter Description
Min.
Max.
Unit
tMRPCRH10
CRS HIGH After Start of Packet
80
150
ns
tMRPCOH10
COL HIGH After Start of Packet
80
150
ns
tMRCHR10
RXD[3:0], RX_DV, RX_ER Valid after CRS HIGH
100
100
ns
tMRRC10
RXD[3:0], RX_DV, RX_ER Valid Prior to the Rising of RX_CLK10
16
-
ns
tMRCRD10
RXD[3:0], RX_DV, RX_ER Valid After the Rising Edge of RX_CLK
12
-
ns
tMRECRL10
End of Packet to CRS LOW
130
190
ns
tMRECOL10
End of Packet to COL LOW
125
185
ns
tMRERL10
End of Packet to RXD[3:0], RX_DV, RX_ER De-Asserting (Going
LOW)
120
140
ns
RX±
CRS
COL
RX_DV
RX_CLK
RXD[3:0]
RX_ER
tMRPCRH10
tMRRC10
tMRCR10
tMRPCOH10
tMRCHR10
22235I-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com