Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 11Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 12Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 13Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 14Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.4.4 I2C acknowledge and not acknowledge transmissions
Each byte must be followed by an acknowledge bit (ACK) from the receiver. For an ACK, the transmitter
releases SDA during the acknowledge clock pulse and the receiver pulls SDA low during the high portion of the
clock pulse. Set up and hold times as specified in Table 105 must also be taken into account.
For a not acknowledge bit (NACK), SDA remains high during the entire acknowledge clock pulse. Five
conditions lead to a NACK:
1. No receiver is present on the bus with the transmitted address.
2. The addressed receiver is unable to receive or transmit because it is performing some real-time function
and is not ready to start communication with the host.
3. The receiver receives unrecognized data or commands.
4. The receiver cannot receive any more data bytes.
5. The host-receiver signals the end of the transfer to the client transmitter.
Following a NACK, the host can transmit either a STOP to terminate the transfer, or a repeated START to
initiate a new transfer.
An example ACK and NACK are shown in Figure 17.
aaa-029749
SDA
SCL
ACK
ninth clock pulse
ACK
ninth clock pulse
Figure 17. I2C acknowledge and not acknowledge transmission
7.4.5 I2C stop condition
A bus operation is always terminated with a stop condition (STOP) from the host. A STOP is defined as a low
to high transition on SDA while SCL is high as shown in Figure 18. After the STOP has been transmitted by the
host, the bus is considered free. Timing for the stop condition is specified in Table 105.
aaa-029750
SDA
SCL
STOP
Figure 18. I2C stop condition
7.4.6 I2C register transfers
7.4.6.1 Register write transfers
The device supports I2C register write data transfers. Register write data transfers are constructed as follows:
1. The host transmits a START condition.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
14 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com