Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.5.3.1.1 Register read command message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Register access command
Command
C[3:0]
Fixed bits:
must = 0h
Register address
Register data
8-bit CRC
1
1
0
0
0
0
0
0
RA[7:1]
RA[0]
0
0
0
0
0
0
0
0
CRC[7:0]
Table 13. Register read command message format
Bit field
Definition
C[3:0]
Register read command = '1100'
RA[7:0]
RA[7:1] contains the word address of the register to be read.
CRC[7:0]
Read CRC Section
Table 14. Register read command message bit field descriptions
7.5.3.1.2 Register read response message format
MSB: bit 31; LSB: bit 0
31 30 29 28
27
26
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Register access command
Command
C[0], [3:1]
Basic
Status
Unused
Data 0h
Register data: contents
of RA[7:1] high byte
Register data: contents
of RA[7:1] low byte
8-bit CRC
0
1
1
0
ST[1:0]
0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Table 15. Register read response message format
Bit field
Definition
C[0], [3:1]
Register Read Command = '0110'
ST[1:0]
Status
RD[15:8]
The contents of the register addressed by RA[7:1] high byte (RA[0] = 1)
RD[7:0]
The contents of the register addressed by RA[7:1] low byte (RA[0] = 0)
CRC[7:0]
8-bit CRC
Table 16. Register read response message bit field descriptions
7.5.3.2 Register write command
The device supports a register write command. The register write command writes the value specified in
RD[7:0] to the register addressed by RA[7:0].
The response to a register write command is shown in Section 7.5.3.2.2 "Register write response message
format". The register write is executed and a response is transmitted on the next SPI message if and only if all
of the following conditions are met:
• No SPI error is detected (see Section 7.5.5.3 "SPI error")
• No MISO error is detected (see Section 7.5.5.4 "SPI data output verification error")
• The ENDINIT bit is cleared.
– This applies to all registers except for the RESET[1:0] bits in the DEVLOCK_WR register
• No invalid register request is detected as described below.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
20 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com