Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
registers are not guaranteed until the DSP has completed initialization, as specified in Table 105. Reads of the
SNSDATA_x registers and sensor data requests should be prevented during this time.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
4Ch
P_CAL_ZERO_L
P_CAL_ZERO[7:0]
4Dh
P_CAL_ZERO_H
P_CAL_ZERO[15:8]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 77. P_CAL_ZERO - pressure calibration registers (address 4Ch, 4Dh) bit allocation
The P_CAL_ZERO register value is a signed 16-bit value that is directly added to the internally calibrated
pressure signal value as shown in Equation 6. The equation applies to the values in the 16-bit SNSDATA
registers.
(6)
Note: The pressure calibration registers enable range and resolution options beyond the specified values of the
device. The user must take care to ensure that the value stored in this register does not result in a compressed
output range or a railed output.
7.7.15 DSP_STAT - DSP specific status register (address 60h)
The DSP status register is a read-only register that contains sensor data-specific status information.
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
reserved
reserved
reserved
ST_INCMPLT
ST_ACTIVE
CM_ERROR
ST_ERROR
Factory default
0
0
0
0
1
0
0
0
Access
R
R
R
R
R
R
R
R
Table 78. DSP_STAT - DSP-specific status register (address 60h) bit allocation
Bit
Symbol
Description
3
ST_INCMPLT
The self-test incomplete bit is set after a device reset and is only cleared when one of the analog or digital self-test
modes is enabled in the ST_CTRL register (ST_CTRL[3] = '1' | ST_CTRL[2] = '1' | | ST_CTRL[1] =
'1' | | ST_CTRL[0] = '1').
0 — An analog or digital self-test has been activated since the last reset.
1 — No analog or digital self-test has been activated since the last reset.
2
ST_ACTIVE
The self-test active bit is set if any self-test mode is active. The self-test active bit is cleared when no self-test mode is
active.
ST_ACTIVE= ST_CTRL[3] | ST_CTRL[2] | ST_CTRL[1] | ST_CTRL[0]
1
CM_ERROR
The absolute pressure common mode error status bit is set if the common mode value of the analog front end exceeds
predetermined limits. The CM_ERROR bit is cleared on a read of the DSP_STAT register through any communication
interface or on a data transmission that includes the error in the status field.
0
ST_ERROR
The self-test error flag is set if an internal self-test fails as described in Section 7.3.1. This bit can only be cleared by a
device reset.
Table 79. DSP_STAT - DSP-specific status register (address 60h) bit description
7.7.16 DEVSTAT_COPY - device status copy register (address 61h)
The device status copy register is a read-only register that contains a copy of the device status information
contained in the DEVSTAT register. See Section 7.7.2.1 "DEVSTAT - device status register (address 01h)" for
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
45 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com