Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
SPI_CRC_LEN[1:0]
SPICRCSEED
CRC Polynomial
CRC Seed
0
0
0
x8 + x5 + x3 + x2 + x + 1
1111, 1111
0
0
non-zero
x8 + x5 + x3 + x2 + x + 1
0000, SPICRCSEED[3:0]
0
1
0
x4 + 1
1010
0
1
non-zero
x4 + 1
SPICRCSEED[3:0]
1
0
0
x3 + x + 1
111
1
0
non-zero
x3 + x + 1
SPICRCSEED[2:0]
1
1
0
x3 + x + 1
111
1
1
non-zero
x3 + x + 1
SPICRCSEED[2:0]
Table 60. SPI CRC Definition
7.7.9 WHO_AM_I - who am I register (address 3Eh)
The WHO_AM_I register is a user programmed read/write register that contains the unique product identifier.
This register is included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
WHO_AM_I[7:0]
Factory default (stored value)
0
0
0
0
0
0
0
0
Factory default (read value)
1
1
0
0
0
1
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 61. WHO_AM_I - device identification register (address 3Eh) bit allocation
The default register value is 00h. If the register value is 00h, a value of C4h is transmitted in response to a read
command. For all other register values, the actual register value is transmitted in response to a read command.
WHO_AM_I register value (hex)
Response to a register read command
00h
C4h
01h to FFh
Actual register value
Table 62. WHO_AM_I register values
7.7.10 I2C_ADDRESS - I2C client address register (address 3Fh)
The I2C client address register is a user programmed read/write register that contains the unique I2C client
address. The register is readable in all modes. This register is included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
I2C_ADDRESS[7:0]
Factory Default (stored value)
0
0
0
0
0
0
0
0
Factory Default (read value)
0
1
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 63. I2C_ADDRESS - I2C client address register (address 3Fh) bit allocation
The default register value is 00h. If the register value is 00h, the I2C client address is 60h and a value of 60h
is transmitted in response to a read command. If the register is written to a value other than 00h, the I2C
client address is the lower seven bits of the actual register value and the actual register value is transmitted in
response to a read command.
7.7.11 DSP Configuration Registers (DSP_CFG_Ux)
The DSP Configuration registers (DSP_CFG_Ux) are a series of registers that affect the DSP data path.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
40 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com