Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7.2.4 DEVSTAT3 - device status register (address 04h)
Bit
7
6
5
4
3
2
1
0
Symbol MISO_ERR
reserved
reserved
reserved
reserved
reserved
reserved
reserved
Reset
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
Access
R
R
R
R
R
R
R
R
Table 43. DEVSTAT3 - device status register (address 04h) bit allocation
Bit
Symbol
Description
7
MISO_ERR
In SPI mode, the MISO data mismatch flag is set when a MISO Data mismatch fault
occurs. The MISO_ERROR bit is cleared by a read of the DEVSTAT3 register through any
communication interface, or by a status transmission including the error status through the
SPI.
0 — No error detected
1 — MISO data mismatch
Table 44. DEVSTAT3 - device status register (address 04h) bit description
7.7.3 TEMPERATURE - temperature register (address 0Eh)
The temperature register is a read-only register that provides a temperature value for the IC. The temperature
value is specified in the temperature sensor signal chain section of Table 104.
Note: The device is only guaranteed to operate within the temperature limits specified in Section 10 "Static
characteristics ".
Bit
7
6
5
4
3
2
1
0
Symbol
TEMP[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 45. TEMPERATURE - temperature register (address 0Eh) bit allocation
7.7.4 DEVLOCK_WR - lock register writes register (address 10h)
The lock register writes register is a read/write register that contains the ENDINIT bit and reset control bits.
Bit
7
6
5
4
3
2
1
0
Symbol
ENDINIT
reserved
reserved
reserved
SUP_ERR_DIS
reserved
RESET[1:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 46. DEVLOCK_WR - lock register writes register (address 10h) bit allocation
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
34 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com