Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 59Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
VCC_min ≤ (VCC – VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tSCLKH
Clock (SCLK) period (90 %
of VCC to 90 % of VCC)
[1] —
30
—
ns
tSCLKL
Serial interface timing[3]
Clock (SCLK) period (10 %
of VCC to 10 % of VCC)
[1] —
30
—
ns
tSCLKR
Clock (SCLK) period (10 %
of VCC to 90 % of VCC)
[1] —
10
25
ns
tSCLKF
Serial interface timing[3]
Clock (SCLK) period (90 %
of VCC to 10 % of VCC)
[1] —
10
25
ns
tLEAD
Serial interface timing[3]
SS_B asserted to SCLK
high (SS_B = 10 % of VCC
to SCLK = 10 % of VCC)
[1] —
50
—
ns
tACCESS
Serial interface timing[3]
SS_B asserted to SCLK
high (SS_B = 10 % of VCC
to MISO = 10/90 % of VCC)
[1] —
—
50
ns
tSETUP
Serial interface timing[3]
SS_B asserted to SCLK
high (MOSI = 10/90 % of
VCC to SCLK = 10 % of
VCC)
[1] —
20
—
ns
tHOLD_IN
MOSI data hold time
(SCLK = 90 % of VCC to
MOSI = 10/90 % of VCC)
[1] —
10
—
ns
tHOLD_OUT
Serial interface timing[3]
MOSI data hold time
(SCLK = 90 % of VCC to
MISO = 10/90 % of VCC)
[1] 0
—
—
ns
tVALID
Serial interface timing[3]
SCLK low to data valid
(SCLK = 10 % of VCC to
MISO = 10/90 % of VCC)
[1] —
—
30
ns
tLAG
Serial interface timing[3]
SCLK low to SS_B high
(SCLK = 10 % of VCC to
SS_B = 90 % of VCC)
[1] —
60
—
ns
tDISABLE
Serial interface timing[3]
SS_B high to MISO disable
(SS_B = 90 % of VCC to
MISO = Hi Z)
[1] —
—
60
ns
tSSN
Serial interface timing[3]
SS_B high to SS_B low
(SS_B = 90 % of VCC to
SS_B = 90 % of VCC)
[1] —
500
—
ns
tSLKSS
Serial interface timing[3]
SCLK low to SS_B low
(SCLK = 10 % of VCC to
SS_B = 90 % of VCC)
[1] —
50
—
ns
tSSCLK
Serial interface timing[3]
SS_B high to SCLK high
(SS_B = 90 % of VCC to
SCLK = 90 % of VCC)
[1] —
50
—
ns
tLAT_SPI
Data latency
—
—
1
ns
Signal chain
tSigChain
Signal chain sample time
[4] —
48
—
μs
fc0
Cutoff frequency, filter
option #0, 4-pole
[2] [4] —
800
—
Hz
fc1
PABS low-pass filter
Cutoff frequency, filter
option #1, 4-pole
[2] [4] —
1000
—
Hz
tSigDelay
Signal delay (sinc filter to output delay,
excluding the PABS LPF)
[4] —
—
128
μs
Tr_800Hz_LPF
—
—
0.53
ms
Tr_1kHz_LPF
Response time
10 % to 90 % of the final
output value to input
pressure step pulse.
[4]
—
—
0.42
ms
TTD_800Hz_LPF
—
—
1.2
ms
TTD_1kHz_LPF
Total delay time
Total delay (settling time)
of the final output value to
input pressure step pulse.
[4]
—
—
1.0
ms
Table 105. Dynamic characteristics...continued
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
56 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com