Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 3 Page - NXP Semiconductors

  FXPS7115D4 Datasheet HTML 1Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
5 Block diagram
aaa-029726
P-CELL 0
C2V
GAIN
VREF
VREF
P-CELL 1
AAF
PABS Σ
CONVERTER
SINC
FILTER
COMMON
MODE
ERROR
DETECTION
TRIM
VREG
DSP
IIR
LPF
PABS
USER
OFFSET
ADJUST
CONTROL
LOGIC
SS_B
OTP
ARRAY
OSCILLATOR
SPI/I2C
LOW VOLTAGE
DETECTION
INTERNAL VOLTAGE
REGULATOR
LOW VOLTAGE
DETECTION
REFERENCE
VOLTAGE
VCC
VSS
VREF
VREGA
VREG
SCLK/SCL
MOSI
MISO/SDA
INT
Figure 1. Block diagram of FXPS7115D4
6 Pinning information
6.1 Pinning
1
2
3
4
VCC
TEST
INT
VSS
12
11
10
9
17
TEST6
MISO/SDA
MOSI
SCLK/SCL
aaa-029729
Transparent top view
terminal 1
index area
Figure 2. Pin configuration for 16-pin HQFN
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
3 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com