Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 11Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 12Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 13Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 14Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
aaa-023461
TEMPERATURE
∑
CONVERTER
SINC
FILTER
OFFSET
AND
GAIN TRIM
to temperature output
temperature sensor
MOVING
AVERAGE
Figure 12. Temperature sensor signal chain block diagram
7.3.4.2 Temperature sensor output scaling equation
Equation 5 is used to convert temperature readings with the variables specified in Table 8.
(5)
Where:
TDEGC = The temperature output in degrees C
TLSB = The temperature output in LSB
T0LSB = The expected temperature output in LSB at 0 °C
TSENSE = The expected temperature sensitivity in LSB/°C
Data reading
T0LSB (LSB)
TSENSE LSB/C)
8-bit register read
68
1
Table 8. Temperature conversion variables
7.3.5 Common mode error detection signal chain
The device includes a continuous pressure transducer common mode error detection. A simplified block
diagram is shown in Figure 13. The common mode error signal is compared against the normal absolute
pressure signal. If the comparison falls outside pre-determined limits, the CM_ERROR bit in the DSP_STAT
register is set. Once the error condition is removed, the CM_ERROR bit is cleared as specified in Section 7.7.15
"DSP_STAT - DSP specific status register (address 60h)".
aaa-023462
SINC
FILTER
COMPENSATION
common mode
error signal
common mode
signal from ADC
LOW PASS
FILTER
Figure 13. Common mode error detection signal chain block diagram
7.4 Inter-integrated circuit (I2C) interface
The device includes an interface compliant to the NXP I2C-bus specification[4]. The device operates in client
mode and includes support for standard mode, fast mode, and fast mode plus, although the maximum practical
operating frequency for I2C in a given system implementation depends on several factors including the pull-up
resistor values and the total bus capacitance.
7.4.1 I2C bit transmissions
The state of SDA when SCL is high determines the bit value being transmitted. SDA must be stable when SCL
is high and change when SCL is low as shown in Figure 14. After the START signal has been transmitted by the
host, the bus is considered busy. Timing for the start condition is specified in Table 105.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
12 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com