Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.5.2 SPI response format
MSB: bit 31; LSB: bit 0
31
30
29
28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Response to Register Request
Command
Basic
Status
Unused
Data
0h
Register data: contents
of RA[7:1] high byte
Register data: contents
of RA[7:1] low byte
8-bit CRC
C[0], [3:1]
ST[1:0] 0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Response to Sensor Data Request
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Error Response to Register Request
Command
Basic
Status
Unused Data = 0000h
Detail
Status
8-bit CRC
C[0], [3:1]
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 SF[1:0]
CRC[7:0]
Error Response to Sensor Data Request With Sensor Data
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
1
1
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Error Response to Sensor Data Request Without Sensor Data
Command
Basic
Status
x
Unused Data = 0000h
Detail
Status
8-bit CRC
0
0
0
0
1
1
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 SF[1:0]
CRC[7:0]
Table 12. SPI response format
7.5.3 Command summary
7.5.3.1 Register read command
The device supports a register read command. The register read command uses the upper 7 bits of the
addresses defined in Section 7.6 "User-accessible data array" to address 8-bit registers in the register map.
The response to a register read command is shown in Section 7.5.3.1.2 "Register read response message
format". The response is transmitted on the next SPI message if and only if all of the following conditions are
met:
• No SPI error is detected (see Section 7.5.5.3 "SPI error" )
• No MISO error is detected (see Section 7.5.5.4 "SPI data output verification error")
If these conditions are met, the device responds to the register read request as shown in Section 7.5.3.1.2
"Register read response message format". Otherwise, the device responds with the error response as defined
in Section 7.5.5.2 "Detailed status field". The register read response includes the register contents at the rising
edge of SS_B for the register read command.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
19 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com