Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................4
Tab. 4.
Self-test control register .................................... 7
Tab. 5.
Self-test control bits for sense data fixed
value verification ............................................... 7
Tab. 6.
IIR low pass filter coefficients ............................9
Tab. 7.
Scaling parameters ......................................... 11
Tab. 8.
Temperature conversion variables .................. 12
Tab. 9.
Sensor data register read wrap-around
description ....................................................... 16
Tab. 10. SPI command format ...................................... 18
Tab. 11. SPI command summary ..................................18
Tab. 12. SPI response format ....................................... 19
Tab. 13. Register read command message format ....... 20
Tab. 14. Register read command message bit field
descriptions ..................................................... 20
Tab. 15. Register read response message format ........ 20
Tab. 16. Register read response message bit field
descriptions ..................................................... 20
Tab. 17. Register write command message format ....... 21
Tab. 18. Register write command message bit field
descriptions ..................................................... 21
Tab. 19. Register write response message format ........ 21
Tab. 20. Register write response message bit field
descriptions ..................................................... 21
Tab. 21. Sensor data request command message
format .............................................................. 22
Tab. 22. Sensor data request command message
bit field descriptions ........................................ 22
Tab. 23. Sensor data request response message
format – 12 bit data length ..............................22
Tab. 24. Sensor data request response message bit
field descriptions ............................................. 22
Tab. 25. Reserved command message format ..............23
Tab. 26. Reserved command message bit field
descriptions ..................................................... 23
Tab. 27. Reserved command response message
format .............................................................. 23
Tab. 28. Reserved command response message bit
field descriptions ............................................. 23
Tab. 29. SPI Command Message CRC ........................ 24
Tab. 30. SPI Response Message CRC .........................24
Tab. 31. Expected initial responses after tPOR_
DataValid post POR ........................................ 24
Tab. 32. Expected initial responses after tPOR_
DataValid post soft reset ................................. 25
Tab. 33. Basic status field for responses to register
commands .......................................................25
Tab. 34. Detailed status bit field descriptions ................25
Tab. 35. User-accessible data — sensor specific
information .......................................................27
Tab. 36. COUNT - rolling counter register (address
00h) bit allocation ............................................31
Tab. 37. DEVSTAT - device status register (address
01h) bit allocation ............................................31
Tab. 38. DEVSTAT - device status register (address
01h) bit description ..........................................31
Tab. 39. DEVSTAT1 - device status register
(address 02h) bit allocation .............................32
Tab. 40. DEVSTAT1 - device status register
(address 02h) bit description ...........................32
Tab. 41. DEVSTAT2 - device status register
(address 03h) bit allocation .............................33
Tab. 42. DEVSTAT2 - device status register
(address 03h) bit description ...........................33
Tab. 43. DEVSTAT3 - device status register
(address 04h) bit allocation .............................34
Tab. 44. DEVSTAT3 - device status register
(address 04h) bit description ...........................34
Tab. 45. TEMPERATURE - temperature register
(address 0Eh) bit allocation .............................34
Tab. 46. DEVLOCK_WR - lock register writes
register (address 10h) bit allocation ................ 34
Tab. 47. DEVLOCK_WR - lock register writes
register (address 10h) bit description .............. 35
Tab. 48. Device reset command sequence ...................35
Tab. 49. WRITE_OTP_EN – write OTP enable
register – (address 11h) bit allocation ............. 36
Tab. 50. Writes for OTP registers ................................. 36
Tab. 51. UF_REGION_W - UF region selection
register (address 14h) bit allocation ................ 37
Tab. 52. UF_REGION_R - UF region selection
register (address 15h) bit allocation ................ 37
Tab. 53. REGION_LOAD Bit Definitions ....................... 37
Tab. 54. REGION_ACTIVE Bit Definitions .................... 38
Tab. 55. SOURCEID_0 - source identification
register (address 1Ah) bit allocation ................38
Tab. 56. SOURCEID_1 - source identification
register (address 1Bh) bit allocation ................38
Tab. 57. Source ID enable ............................................ 39
Tab. 58. SPI_CFG Register (address 3Dh) bit
allocation ......................................................... 39
Tab. 59. DATASIZE Bit Definition ..................................39
Tab. 60. SPI CRC Definition ......................................... 40
Tab. 61. WHO_AM_I - device identification register
(address 3Eh) bit allocation .............................40
Tab. 62. WHO_AM_I register values .............................40
Tab. 63. I2C_ADDRESS - I2C client address
register (address 3Fh) bit allocation ................40
Tab. 64. DSP_CFG_U1 - DSP user configuration #1
register (address 40h) bit allocation ................ 41
Tab. 65. Low-pass filter selection bits (LPF[3:0]) ...........41
Tab. 66. DSP_CFG_U3 - DSP user configuration #3
register (address 42h) bit allocation ................ 41
Tab. 67. DATATYPE0[1:0] ............................................. 42
Tab. 68. DATATYPE1[1:0] ............................................. 42
Tab. 69. DSP_CFG_U4 - DSP user configuration #4
register (address 43h) bit allocation ................ 42
Tab. 70. DSP_CFG_U4 - DSP user configuration #4
register (address 43h) bit description .............. 42
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
69 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com