Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
During soft reset, flash contents are reloaded into the mirror registers and during this process the supply error
flag can get set based on device variation, temperature, and so forth. After 1 ms delay, the expected initial
response from the first 5 commands are shown in Table 32.
Command
Response
Command 1 (DEVSTAT READ)
Ignore response 1
Command 2 (DEVSTAT READ)
Ignore response 2
Command 3 (DEVSTAT READ)
Ignore response 3
Command 4 (SOURCEID_0 READ)
Response 4 - 0X6080XXXX[1]
Command 5 (ANY USER COMMAND)
Response 5 - valid response with reset value of
SOURCEID_0
Table 32. Expected initial responses after tPOR_DataValid post soft reset
[1]
Response 4 is 0x6080XXXX after tPOR_DataValid wait time from soft reset. Otherwise only after tPOR_I2C/POR_SPI wait time from soft reset, response 4 would
be 0x6081XXXX due to DEVINIT bit still set to 1.
7.5.5.1 Basic status field
All responses include a status field (ST[1:0]) that includes the general status of the device and transmitted data
as described below. The contents of the status field is a representation of the device status at the rising edge of
SS_B for the previous SPI command.
ST[1:0]
Status
Description
SF[1:0]
Priority
0
0
Device in Initialization
Device in initialization (ENDINIT not set)
0
0
3
0
1
Normal Mode
Normal mode(ENDINIT set)
0
0
4
1
0
Self-test
Self-test(ST_CTRL[3:0] not equal to '0000')
0
0
2
1
1
Internal Error Present
Detailed Status Field
Detailed Status
Field
1
Table 33. Basic status field for responses to register commands
7.5.5.2 Detailed status field
The response to sensor data requests includes a detailed status field (SF[1:0]). The contents of the detailed
status field is a representation of the device status at the rising edge of SS_B for the previous SPI command.
SF[1:0]
Status Sources
DEVSTAT State
0
0
CM_ERROR
Temperature error
Bit set in DSP_STAT
Bit set in DEVSTAT2
0
1
User OTP memory error (UF2 or UF1)
User R/W memory error (UF2)
NXP OTP Memory error
U_OTP_ERR set in DEVSTAT2
U_RW_ERR set in DEVSTAT2
F_OTP_ERR set in DEVSTAT2
1
0
Test Mode active
Supply error
Reset error
TESTMODE bit set in DEVSTAT
Bit set in DEVSTAT1
DEVRES set
1
1
MISO error
SPI error
Bit set in DEVSTAT3
N/A
Table 34. Detailed status bit field descriptions
7.5.5.3 SPI error
The following external SPI conditions result in a SPI error:
• SCLK is high when SS_B is asserted.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
25 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com