Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Symbol
Description
7
ENDINIT
The ENDINIT bit is a control bit used to indicate that the user has completed all device and
system level initialization tests. Once the ENDINIT bit is set, writes to all writable register bits
are inhibited except for the DEVLOCK_WR register. Once set, the ENDINIT bit can only be
cleared by a device reset.
When ENDINIT is set, the following occurs:
• An error detection is enabled for all user writable registers. The error detection code is
continuously calculated on the user writable registers and verified against a previously
calculated error detection code.
• Self-test is disabled and inhibited.
• Register writes are inhibited except for the RESET[1:0] bits in the DEVLOCK_WR register.
3
SUP_ERR_DIS
The supply error disable bit allows the user to disable reporting of the supply errors in the SPI
status fields.
In SPI Mode:
• 0: No Response until the supply monitor timer expires. The Sensor Data Field Error Code
is transmitted for one response after the supply monitor timer expires. All supply errors
are cleared by a read of the DEVSTAT1 register through any communication interface or
on a data transmission that includes the error in the status field if and only if the timer has
reached zero.
• 1: No Responses occur if the timer is non-zero. The error is cleared when the timer reaches
zero and normal transmissions resume.
In I2C Mode (0 or 1):
• No response until the supply monitor timer expires.
• All supply errors are cleared by a read of the DEVSTAT1 register.
1 to 0 RESET[1:0]
To reset the device, three consecutive register write operations must be performed in the order
shown in Table 48, or the device will not reset.[1]
Table 47. DEVLOCK_WR - lock register writes register (address 10h) bit description
[1]
After POR and/or soft reset, see Section 7.5.5 for initialization sequence.
Register write to DEVLOCK_WR
RESET[0]
RESET[1]
Effect
Register write 1
0
0
No effect
Register write 2
1
1
No effect
Register write 3
0
1
Device RESET
Table 48. Device reset command sequence
The response to a register write returns the new register value, including the values written to the RESET[1:0]
bits. After the third register write command, the device initiates a reset and therefore does not transmit a
response to this command or an acknowledge in I2C mode. The response to a register read returns '00' for
RESET[1:0] and terminates the reset sequence. The reset control bits are not included in the read/write array
error detection.
7.7.5 WRITE_OTP_EN – write OTP enable register (address 11h)
The write OTP enable register is a user programmed read/write register that allows the user to write the
contents of the user programmed OTP array mirror registers to the OTP registers. This register is included in
the user read/write array error detection.
This register is readable and writable in SPI and I2C modes.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
35 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com