Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
78h
FRT0
FRT[7:0]
79h
FRT1
FRT[15:8]
7Ah
FRT2
FRT[23:16]
7Bh
FRT3
FRT[31:24]
7Ch
FRT4
FRT[39:32]
7Dh
FRT5
FRT[47:40]
Access
R
R
R
R
R
R
R
R
Table 85. FRT - free running timer registers (addresses 78h to 7Dh) bit allocation
7.7.22 IC type register (Address C0h)
The IC type register is a factory programmable OTP register that contains the IC type as defined below. This
register is included in the factory programmed OTP array error detection. This register is readable in SPI mode
or I2C mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
ICTYPEID[7:0]
Reset
0
0
0
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
Table 86. IC TYPE REGISTER (ICTYPEID address C0h) bit allocation
7.7.23 IC manufacturer revision register (Address C1h)
The IC manufacturer revision register is a factory programmable OTP register that contains the IC revision.
The upper nibble contains the main IC revision. The lower nibble contains the sub IC revision. This register
is included in the factory programmed OTP array error detection. This register is readable in SPI mode or I2C
mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
ICREVID[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 87. IC MANUFACTURER REVISION REGISTER (ICREVID address C1h) bit allocation
7.7.24 IC manufacturer identification register (address C2h)
The IC manufacturer identification register is a factory programmable OTP register that identifies NXP as the
IC manufacturer. This register is included in the factory programmed OTP array error detection. This register is
readable in SPI mode or I2C mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
ICMFGID[7:0]
Reset
0
0
0
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
Table 88. IC MANUFACTURER IDENTIFICATION REGISTER (ICMFGID address C2h) bit allocation
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
48 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com