Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................2
3.1
Automotive .........................................................2
3.2
Industrial ............................................................ 2
3.3
Medical/Consumer ............................................. 2
4
Ordering information .......................................... 2
4.1
Ordering options ................................................ 2
5
Block diagram ..................................................... 3
6
Pinning information ............................................ 3
6.1
Pinning ...............................................................3
6.2
Pin description ................................................... 4
7
Functional description ........................................4
7.1
Voltage regulators ..............................................4
7.1.1
VCC, VREG, VREGA, undervoltage
monitor ...............................................................5
7.2
Internal oscillator ............................................... 5
7.3
Pressure sensor signal path ..............................5
7.3.1
Self-test functions .............................................. 5
7.3.1.1
PABS common mode verification ...................... 6
7.3.1.2
Startup digital self-test verification .....................6
7.3.1.3
Startup sense data fixed value verification ........ 7
7.3.2
ΣΔ converter ......................................................7
7.3.3
Digital signal processor (DSP) ...........................8
7.3.3.1
Decimation sinc filter ......................................... 8
7.3.3.2
Signal trim and compensation ........................... 8
7.3.3.3
Low-pass filter ................................................... 8
7.3.3.4
Absolute pressure output data scaling
equation ........................................................... 11
7.3.4
Temperature sensor .........................................11
7.3.4.1
Temperature sensor signal chain .....................11
7.3.4.2
Temperature sensor output scaling
equation ........................................................... 12
7.3.5
Common mode error detection signal chain .... 12
7.4
Inter-integrated circuit (I2C) interface .............. 12
7.4.1
I2C bit transmissions ....................................... 12
7.4.2
I2C start condition ........................................... 13
7.4.3
I2C byte transmission ......................................13
7.4.4
I2C acknowledge and not acknowledge
transmissions ...................................................14
7.4.5
I2C stop condition ............................................14
7.4.6
I2C register transfers .......................................14
7.4.6.1
Register write transfers ....................................14
7.4.6.2
Register read transfers ....................................15
7.4.6.3
Sensor data register read wrap around ........... 16
7.4.7
I2C timing diagram .......................................... 16
7.5
Standard 32-bit SPI protocol ........................... 17
7.5.1
SPI command format .......................................17
7.5.2
SPI response format ........................................19
7.5.3
Command summary ........................................ 19
7.5.3.1
Register read command .................................. 19
7.5.3.2
Register write command ..................................20
7.5.3.3
Sensor data request commands ......................21
7.5.3.4
Reserved commands .......................................22
7.5.4
Error checking ................................................. 23
7.5.4.1
Default 8-bit CRC ............................................ 23
7.5.5
Exception handling .......................................... 24
7.5.5.1
Basic status field ............................................. 25
7.5.5.2
Detailed status field ......................................... 25
7.5.5.3
SPI error .......................................................... 25
7.5.5.4
SPI data output verification error ..................... 26
7.5.6
SPI timing diagram .......................................... 27
7.6
User-accessible data array ..............................27
7.7
Register information .........................................31
7.7.1
COUNT - rolling counter register (address
00h) ..................................................................31
7.7.2
Device status registers .................................... 31
7.7.2.1
DEVSTAT - device status register (address
01h) ..................................................................31
7.7.2.2
DEVSTAT1 - device status register
(address 02h) .................................................. 32
7.7.2.3
DEVSTAT2 - device status register
(address 03h) .................................................. 33
7.7.2.4
DEVSTAT3 - device status register
(address 04h) .................................................. 34
7.7.3
TEMPERATURE - temperature register
(address 0Eh) .................................................. 34
7.7.4
DEVLOCK_WR - lock register writes
register (address 10h) ..................................... 34
7.7.5
WRITE_OTP_EN – write OTP enable
register (address 11h) ......................................35
7.7.6
UF_REGION_W, UF_REGION_R - UF
region selection registers (address 14h,
15h) ..................................................................37
7.7.7
SOURCEID_x - source identification
registers (address 1Ah, 1Bh) ...........................38
7.7.7.1
Data source enable bits (SIDx_EN) .................39
7.7.8
SPI Configuration Control Register (SPI_
CFG, Address 3Dh) .........................................39
7.7.8.1
SPI Data Field Size (DATASIZE) ..................... 39
7.7.8.2
SPI CRC Length and Seed Bits ...................... 39
7.7.9
WHO_AM_I - who am I register (address
3Eh) ................................................................. 40
7.7.10
I2C_ADDRESS - I2C client address
register (address 3Fh) ..................................... 40
7.7.11
DSP Configuration Registers (DSP_CFG_
Ux) ................................................................... 40
7.7.11.1 Self-test control bits .........................................41
7.7.11.2 DSP_CFG_U1 - DSP user configuration #1
register (address 40h) ..................................... 41
7.7.11.3 DSP_CFG_U3 - DSP user configuration #3
register (address 42h) ..................................... 41
7.7.11.4 DSP_CFG_U4 - DSP user configuration #4
register (address 43h) ..................................... 42
7.7.11.5 DSP_CFG_U5 - DSP user configuration #5
register (address 44h) ..................................... 42
7.7.12
INT_CFG - interrupt configuration register
(address 45h) .................................................. 43
7.7.13
P_INT_HI, P_INT_LO - interrupt window
comparator threshold registers (address
46h to 49h) ...................................................... 44
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
71 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com