Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7.11.3.1 DSP data type 0 selection bits (DATATYPE0)
The DSP data type 0 selection bits select the type of data to be included in the SNSDATA0_L and
SNSDATA0_H registers.
DATATYPE0[1]
DATATYPE0[0]
SNSDATA register contents
0
1
Absolute pressure (PABS)
1
1
Temperature
Table 67. DATATYPE0[1:0]
7.7.11.3.2 DSP data type 1 selection bits (DATATYPE1)
The DSP data type 1 selection bits select the type of data to be included in the SNSDATA1_L and
SNSDATA1_H registers.
DATATYPE1[1]
DATATYPE1[0]
SNSDATA register contents
0
1
Absolute pressure (PABS)
1
1
Temperature
Table 68. DATATYPE1[1:0]
7.7.11.4 DSP_CFG_U4 - DSP user configuration #4 register (address 43h)
The DSP user configuration register #4 is a user programmable read/write register that contains DSP-specific
configuration information. This register is included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
reserved
reserved
reserved
reserved
INT_OUT
reserved
reserved
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 69. DSP_CFG_U4 - DSP user configuration #4 register (address 43h) bit allocation
Bit
Symbol
Description
2
INT_OUT
The interrupt pin configuration bit selects the mode of operation for the interrupt pin.
0 — Open drain, active high with pull-down current
1 — Open drain, active low with pullup current
Table 70. DSP_CFG_U4 - DSP user configuration #4 register (address 43h) bit description
7.7.11.5 DSP_CFG_U5 - DSP user configuration #5 register (address 44h)
The DSP user configuration register #5 is a read/write register that contains DSP-specific configuration
information. This register is included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
ST_CTRL[3:0]
reserved
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 71. DSP_CFG_U5 - DSP user configuration #5 register (address 44h) bit allocation
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
42 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com