Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
There are 4 DSP Configuration registers which are DSP_CFG_U1, DSP_CFG_U3, DSP_CFG_U4, and
DSP_CFG_U5.
7.7.11.1 Self-test control bits
The self-test control bits of the DSP user configuration register (DSP_CFG_U5, address 44h) select one of the
various analog and digital self-test features of the device as shown in Table 73. The self-test control bits are not
included in the read/write array error detection.
7.7.11.2 DSP_CFG_U1 - DSP user configuration #1 register (address 40h)
The DSP user configuration register #1 is a user programmable read/write register that contains DSP-specific
configuration information. This register is included in the read/write array error detection.
Changes to this register reset the DSP data path. The contents of the SNSDATA_x registers are not guaranteed
until the DSP has completed initialization as specified in Table 105. Reads of the SNSDATA_x registers and
sensor data requests should be prevented during this time.
Bit
7
6
5
4
3
2
1
0
Symbol
LPF[3:0]
reserved
reserved
reserved
reserved
Factory default
0
0
1
1
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 64. DSP_CFG_U1 - DSP user configuration #1 register (address 40h) bit allocation
LPF[3]
LPF[2]
LPF[1]
LPF[0]
Low Pass Filter Type
0
0
1
0
800 Hz, 4-Pole
0
0
1
1
1000 Hz, 4-Pole[1][2]
Table 65. Low-pass filter selection bits (LPF[3:0])
[1]
Default is 1000 Hz.
[2]
In case of POR, filter reverts to the default.
Note: Using values other than those listed in Table 65 causes an error in the DEVSTAT.
7.7.11.3 DSP_CFG_U3 - DSP user configuration #3 register (address 42h)
The DSP user configuration register #3 is a user programmable read/write register that contains DSP-specific
configuration information. This register is included in the read/write array error detection.
Changes to this register reset the DSP data path. The content of the SNSDATA_x registers are not guaranteed
until the DSP has completed initialization. Reads of the SNSDATA_x registers and sensor data requests should
be prevented during this time.
This register is readable and writeable in SPI mode, and I2C mode.
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
DATATYPE0[1:0]
reserved
DATATYPE1[1:0]
reserved
reserved
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 66. DSP_CFG_U3 - DSP user configuration #3 register (address 42h) bit allocation
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
41 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com