Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 59Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 60Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 61Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 62Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
aaa-029732
VCC
VCC
VCC
VCC
SS
INT
FXPS7xxxD4
SCL
SDA
VSS
C1
VCCIO
R1
R2
R3
Figure 25. I2C application diagram of FXPS7115D4
Name
Type
Description
Purpose
C1
Ceramic
0.1 μF, 10 %, 10 V minimum, X7R
VCC power supply decoupling
R1
General purpose
1000 Ω, 5 %, 200 PPM
I2C selection pin pull-up resistor
R2
General purpose
1000 Ω, 5 %, 200 PPM
Serial clock pull-up resistor
R3
General purpose
1000 Ω, 5 %, 200 PPM
Serial data pull-up resistor
Table 106. External component recommendations for I2C
aaa-029733
VCC
VCC
INT
VSS
C1
VCCIO
MOSI
FXPS7xxxD4
SCLK
MISO
SS_B
Figure 26. SPI application diagram for FXPS7115D4
Name
Type
Description
Purpose
C1
Ceramic
0.1 μF, 10 %, 10 V minimum, X7R
VCC power supply decoupling
Table 107. External component recommendations for SPI
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
59 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com