Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWLOT_H[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 100. ASICWLOT_H Register (address D1h) bit allocation
7.7.28 USERDATA_0 to USERDATA_E - user data registers
User data registers are user programmable OTP registers that contain user-specific information. These
registers are included in the user programmed OTP array error detection. These registers are readable and
writable in SPI mode or I2C mode when ENDINIT is not set.
7.7.29 USERDATA_10 to USERDATA_1E - user data registers
User data registers are user programmable OTP registers that contain user-specific information. These
registers are included in the user programmed OTP array error detection. These registers are readable and
writable in SPI mode or I2C mode when ENDINIT is not set.
7.7.30 Lock and CRC Registers
The lock and CRC Registers are automatically programmed OTP registers that include the lock bit, the block
identifier, and the block OTP array CRC use for error detection. These registers are automatically programmed
when the corresponding data array is programmed to OTP using the Write OTP Enable register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
5Fh
CRC_UF2
LOCK_UF2
0
0
0
CRC_UF2[3:0]
Factory Default
0
0
0
0
0
0
0
0
AFh
CRC_F_A
LOCK_F_A
REGA_BLOCKID[2:0]
CRC_F_A[3:0]
Factory Default
1
0
0
1
varies
BFh
CRC_F_B
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Factory Default
1
0
1
0
varies
CFh
CRC_F_C
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
Factory Default
1
0
1
1
varies
DFh
CRC_F_D
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
Factory Default
1
1
0
1
varies
EFh
CRC_F_E
LOCK_F_E
REGE_BLOCKID[2:0]
CRC_F_E[3:0]
Factory Default
0
0
0
0
0
0
0
0
FFh
CRC_F_F
LOCK_F_F
REGF_BLOCKID[2:0]
CRC_F_F[3:0]
Factory Default
0
0
0
0
0
0
0
0
Table 101. Lock and CRC Register bit definitions
7.7.31 Reserved registers
A register read command to a reserved register or a register with reserved bits results in a valid response. The
data for reserved bits may be '0' or '1'.
A register write command to a reserved register or a register with reserved bits executes and results in a valid
response. The data for the reserved bits may be '0' or '1'. A write to the reserved bits must always be '0' for
normal device operation and performance.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
51 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com