Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
3. Execute a write to the WRITE_OTP_EN register with region 2 selected and the EX_COMMTYPE and
EX_PADDR bits set as shown in Table 50.
Once the WRITE_OTP_EN register write is completed, a CRC is calculated for the data to be written
to the region, the register values are written to OTP and the region is locked from future writes. The
UOTP_WR_INIT bit remains set.
4. Delay 10 ms to allow the device to complete the writes to OTP.
5. Verify that the OTP write successfully completed by reading back all of the OTP registers using register read
commands.
7.7.6 UF_REGION_W, UF_REGION_R - UF region selection registers (address 14h, 15h)
The UF region load register is a user read/write register that contains the control bits for the UF0 and UF1
regions to be accessed. This register is included in the user read/write array error detection. The UF region
active register is a read-only register that contains the status bits for the UF0 and UF1 regions to be accessed.
This register is included in the user read/write array error detection.
The UF_REGION_W register is readable and writable in SPI mode or I2C mode. The UF_REGION_R register is
readable in SPI mode or I2C mode.
Bit
7
6
5
4
3
2
1
0
Symbol
REGION_LOAD[3:0]
0
0
0
0
Factory default
1
1
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 51. UF_REGION_W - UF region selection register (address 14h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
REGION_ACTIVE[3:0]
0
0
0
0
Factory default
1
1
1
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 52. UF_REGION_R - UF region selection register (address 15h) bit allocation
The user OTP regions UF0, UF1, and F share a block of 16 registers. Prior to reading the registers via any
communication interface, the user must ensure that the desired OTP registers are loaded into the readable
registers. Below is the necessary procedure to ensure proper reading of the UF0, UF1, and F registers.
1. Write the desired address range to be read to the REGION_LOAD[3:0] bits in the UF_REGION_W register.
REGION_LOAD[3:0]
OTP register addresses loaded into the readable registers
0
0
0
0
not applicable
0
0
0
1
not applicable
0010 through 1001
reserved
1
0
1
0
Address Range A0h through AFh
1
0
1
1
Address Range B0h through BFh
1
1
0
0
Address Range C0h through CFh
1
1
0
1
Address Range D0h through DFh
1
1
1
0
Address Range E0h through EFh
1
1
1
1
Address Range F0h through FFh
Table 53. REGION_LOAD Bit Definitions
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
37 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com