Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7 Register information
7.7.1 COUNT - rolling counter register (address 00h)
The count register is a read-only register that provides the current value of a free-running 8-bit counter derived
from the primary oscillator. A 10-bit prescaler divides the primary oscillator frequency by 1000. Therefore, the
value in the register increases by one count every 100 μs and the counter rolls over every 25.6 ms.
Bit
7
6
5
4
3
2
1
0
Symbol
COUNT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 36. COUNT - rolling counter register (address 00h) bit allocation
7.7.2 Device status registers
The device status registers are read-only registers that contain device status information. These registers are
readable in SPI or I2C mode.
7.7.2.1 DEVSTAT - device status register (address 01h)
Bit
7
6
5
4
3
2
1
0
Symbol
DSP_ERR
reserved
COMM_
ERR
MEMTEMP_
ERR
SUPPLY_
ERR
TES
TMODE
DEVRES
DEVINIT
Reset
1
reserved
0
0
x
0
1
1
Access
R
R
R
R
R
R
R
R
Table 37. DEVSTAT - device status register (address 01h) bit allocation
Bit
Symbol
Description
7
DSP_ERR
The DSP error flag is set if a DSP-specific error is present in the pressure signal DSP:
DSP_ERR = DSP_STAT[ST_INCMPLT] | DSP_STAT[CM_ERROR] | DSP_STAT[ST_
ERROR]
5
COMM_ERR
The communication error flag is set if any bit in DEVSTAT3 is set:
COMM_ERR = MISO_ERR
4
MEMTEMP_ERR
The memory error flag is set if any bit in DEVSTAT2 is set:
MEMTEMP_ERR = F_OTP_ERR | U_OTP_ERR | U_RW_ERR | U_W_ACTIVE |
TEMP0_ERR
3[1]
SUPPLY_ERR
The supply error flag is set if any bit in DEVSTAT1 is set:
SUPPLY_ERR = VCCUV_ERR | INTREG_ERR | INTREGA_ERR | INTREGF_ERR |
CONT_ERR
2
TESTMODE
The test mode bit is set if the device is in test mode. The TESTMODE bit can be cleared by
a test mode operation or by a power cycle.
0 — Test mode is not active
1 — Test mode is active
Table 38. DEVSTAT - device status register (address 01h) bit description
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
31 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com