Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 49Page - STMicroelectronics M58BW16F Datasheet HTML 50Page - STMicroelectronics M58BW16F Datasheet HTML 51Page - STMicroelectronics M58BW16F Datasheet HTML 52Page - STMicroelectronics M58BW16F Datasheet HTML 53Page - STMicroelectronics M58BW16F Datasheet HTML 54Page - STMicroelectronics M58BW16F Datasheet HTML 55Page - STMicroelectronics M58BW16F Datasheet HTML 56Page - STMicroelectronics M58BW16F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
M58BW16F, M58BW32F
DC and AC parameters
53/81
Table 20.
Asynchronous Write and Latch controlled Write AC characteristics
Symbol
Parameter
Test Condition
M58BWxxF
Unit
45
55
tAVAV
Address Valid toAddress Valid
Min
45
55
tAVLH
Address Valid to Latch Enable High
Min
8
8
ns
tAVLL
Address Valid to Latch Enable Low
Min
0
0
ns
tAVWH
Address Valid to Write Enable High
E = VIL
Min
25
25
ns
tDVWH
Data Input Valid to Write Enable High
E = VIL
Min
25
25
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
ns
tELWL
Chip Enable Low to Write Enable Low
Min
0
0
ns
tLHAX
Latch Enable High to Address Transition
Min
5
5
ns
tLLLH
Latch Enable Low to Latch Enable High
Min
10
10
ns
tLLWH
latch Enable Low to Write Enable High
E = VIL
Min
25
25
ns
tQVVPL
Output Valid to PEN Low
Min
0
0
ns
tVPHWH
PEN High to Write Enable High
Min
0
0
ns
tWHAX
Write Enable High to Address Transition
E = VIL
Min
0
0
ns
tWHDX
Write Enable High to Input Transition
E = VIL
Min
0
0
ns
tWHEH
Write Enable High to Chip Enable High
Min
0
0
ns
tWHGL
Write Enable High to Output Enable Low
Min
150
150
ns
tWHQV
Write Enable High to Output Valid
Min
165
165
ns
tWHWL
Write Enable High to Write Enable Low
Min
20
20
ns
tWLWH
Write Enable Low to Write Enable High
E = VIL
Min
25
25
ns
tQVPL
Output Valid to Reset/Power-down Low
Min
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com