Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 59 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 55Page - STMicroelectronics M58BW16F Datasheet HTML 56Page - STMicroelectronics M58BW16F Datasheet HTML 57Page - STMicroelectronics M58BW16F Datasheet HTML 58Page - STMicroelectronics M58BW16F Datasheet HTML 59Page - STMicroelectronics M58BW16F Datasheet HTML 60Page - STMicroelectronics M58BW16F Datasheet HTML 61Page - STMicroelectronics M58BW16F Datasheet HTML 62Page - STMicroelectronics M58BW16F Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
M58BW16F, M58BW32F
DC and AC parameters
59/81
Table 21.
Synchronous Burst Read AC characteristics(1) (2)
Symbol
Parameter
Test Condition
M58BWxxF
Unit
45
55
f
Clock frequency
X-Latency = 3
Max
40
33
MHz
X-Latency = 4
Max
56
40
MHz
X-Latency = 5 or 6
Max
75
56
MHz
tAVKH
Address Valid to Valid Clock Edge,
E = VIL, L = VIL
X-Latency = 3
Min
9
6
ns
E = VIL, L = VIL
X-Latency = 4, 5 or 6
Min
6
6
ns
tKHKL
Clock High Time
Min
6
6
ns
tKLKH
Clock Low Time
Min
6
6
ns
tBHKH
Burst Address Advance High to Valid
Clock Edge
E = VIL, G = VIL, L = VIH
Min
8
8
ns
tBLKH
Burst Address Advance Low to Valid
Clock Edge
E = VIL, G = VIL, L = VIH
Min
8
8
ns
tELKH
Chip Enable Low to Valid Clock Edge
L = VIL
X-Latency = 3
Min
9
6
ns
L = VIL
X-Latency = 4, 5 or 6
Min
6
6
ns
tGLQV
Output Enable Low to Output Valid
E = VIL, L = VIH
Max
15
15
ns
tKHAX
Valid Clock Edge to Address Transition
E = VIL
Min
5
5
ns
tKHEL
Valid Clock Edge to Chip Enable Low
L = VIL
Min
0
0
ns
tKHLL
Valid Clock Edge to Latch Enable Low
E = VIL
Min
0
0
ns
tKHLH
Valid Clock Edge to Latch Enable High
E = VIL
Min
0
0
ns
tKHQX
Valid Clock Edge to Output Transition
E = VIL, G = VIL, L = VIH
Min
2
2
ns
tLLKH
Latch Enable Low to Valid Clock Edge,
E = VIL
X-Latency = 3
Min
9
6
ns
E = VIL
X-Latency = 4, 5 or 6
Min
6
6
ns
tRLKH
Valid Data Ready Low to Valid Clock
Edge
E = VIL, G = VIL, L = VIH
Min
6
6
ns
tKHQV
Valid Clock Edge to Output Valid
E = VIL, G = VIL, L = VIH
Max
8
8
ns
1.
Data output should be read on the valid clock edge.
2.
For other timings see Table 18: Asynchronous Bus Read AC characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com