Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 16Page - STMicroelectronics M58BW16F Datasheet HTML 17Page - STMicroelectronics M58BW16F Datasheet HTML 18Page - STMicroelectronics M58BW16F Datasheet HTML 19Page - STMicroelectronics M58BW16F Datasheet HTML 20Page - STMicroelectronics M58BW16F Datasheet HTML 21Page - STMicroelectronics M58BW16F Datasheet HTML 22Page - STMicroelectronics M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
Signal descriptions
M58BW16F, M58BW32F
20/81
2
Signal descriptions
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-Amax)
Amax is equal to A18 in the M58BW16F, and to A19 in the M58BW32F.
The Address Inputs are used to select the cells to access in the memory array during Bus
operations. During Bus Write operations they control the commands sent to the Command
Interface of the Program/Erase Controller. Chip Enable must be Low when selecting the
addresses.
The address inputs are latched on the rising edge of Latch Enable L or Burst Clock K,
whichever occurs first, in a read operation.The address inputs are latched on the rising edge
of Chip Enable, Write Enable or Latch Enable, whichever occurs first in a Write operation.
The address latch is transparent when Latch Enable is Low, VIL. The address is internally
latched in an Erase or Program operation.
2.2
Data Inputs/Outputs (DQ0-DQ31)
The Data Inputs/Outputs output the data stored at the selected address during a Bus Read
operation, or are used to input the data during a program operation. During Bus Write
operations they represent the commands sent to the Command Interface of the
Program/Erase Controller. When used to input data or Write commands they are latched on
the rising edge of Write Enable or Chip Enable, whichever occurs first.
When Chip Enable and Output Enable are both Low, VIL, and Output Disable is at VIH, the
data bus outputs data from the memory array, the Electronic Signature, the Block Protection
Configuration Register, the CFI Information or the contents of Burst Configuration Register
or Status Register. The data bus is high impedance when the device is deselected with Chip
Enable at VIH, Output Enable at VIH, Output Disable at VIL or Reset/Power-Down at VIL. The
Status Register content is output on DQ0-DQ7 and DQ8-DQ31 are at VIL.
2.3
Chip Enable (E)
The Chip Enable, E, input activates the memory control logic, input buffers, decoders and
sense amplifiers. Chip Enable, E, at VIH deselects the memory and reduces the power
consumption to the Standby level.
2.4
Output Enable (G)
The Output Enable, G, gates the outputs through the data output buffers during a read
operation, when Output Disable GD is at VIH. When Output Enable G is at VIH, the outputs
are high impedance independently of Output Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com