Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 10Page - STMicroelectronics M58BW16F Datasheet HTML 11Page - STMicroelectronics M58BW16F Datasheet HTML 12Page - STMicroelectronics M58BW16F Datasheet HTML 13Page - STMicroelectronics M58BW16F Datasheet HTML 14Page - STMicroelectronics M58BW16F Datasheet HTML 15Page - STMicroelectronics M58BW16F Datasheet HTML 16Page - STMicroelectronics M58BW16F Datasheet HTML 17Page - STMicroelectronics M58BW16F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
Description
M58BW16F, M58BW32F
14/81
Table 2.
M58BW32F top boot block addresses
#
Size (Kbit)
Address Range(1)
73
128
FF000h-FFFFFh
72
128
FE000h-FEFFFh(2)
71
128
FD000h-FDFFFh
70
128
FC000h-FCFFFh
69
64
FB800h-FBFFFh
68
64
FB000h-FB7FFh
67
64
FA800h-FAFFFh
66
64
FA000h-FA7FFh
65
64
F9800h-F9FFFh
64
64
F9000h-F97FFh
63
64
F8800h-F8FFFh
62
64
F8000h-F87FFh
61
512
F4000h-F7FFFh
60
512
F0000h-F3FFFh
59
512
EC000h-EFFFFh
58
512
E8000h-EBFFFh
57
512
E4000h-E7FFFh
56
512
E0000h-E3FFFh
55
512
DC000h-DFFFFh
54
512
D8000h-DBFFFh
53
512
D4000h-D7FFFh
52
512
D0000h-D3FFFh
51
512
CC000h-CFFFFh
50
512
C8000h-CBFFFh
49
512
C4000h-C7FFFh
48
512
C0000h-C3FFFh
47
512
BC000h-BFFFFh
46
512
B8000h-BBFFFh
45
512
B4000h-B7FFFh
44
512
B0000h-B3FFFh
43
512
AC000h-AFFFFh
42
512
A8000h-ABFFFh
41
512
A4000h-A7FFFh
40
512
A0000h-A3FFFh
39
512
9C000h-9FFFFh
38
512
98000h-9BFFFh
37
512
94000h-97FFFh
36
512
90000h-93FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com