Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 12Page - STMicroelectronics M58BW16F Datasheet HTML 13Page - STMicroelectronics M58BW16F Datasheet HTML 14Page - STMicroelectronics M58BW16F Datasheet HTML 15Page - STMicroelectronics M58BW16F Datasheet HTML 16Page - STMicroelectronics M58BW16F Datasheet HTML 17Page - STMicroelectronics M58BW16F Datasheet HTML 18Page - STMicroelectronics M58BW16F Datasheet HTML 19Page - STMicroelectronics M58BW16F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Description
M58BW16F, M58BW32F
16/81
Table 3.
M58BW32F Bottom Boot Block Addresses
#
Size (Kbit)
Address Range(1)
73
512
FC000h-FFFFFh
72
512
F8000h-FBFFFh
71
512
F4000h-F7FFFh
70
512
F0000h-F3FFFh
69
512
EC000h-EFFFFh
68
512
E8000h-EBFFFh
67
512
E4000h-E7FFFh
66
512
E0000h-E3FFFh
65
512
DC000h-DFFFFh
64
512
D8000h-DBFFFh
63
512
D4000h-D7FFFh
62
512
D0000h-D3FFFh
61
512
CC000h-CFFFFh
60
512
C8000h-CBFFFh
59
512
C4000h-C7FFFh
58
512
C0000h-C3FFFh
57
512
BC000h-BFFFFh
56
512
B8000h-BBFFFh
55
512
B4000h-B7FFFh
54
512
B0000h-B3FFFh
53
512
AC000h-AFFFFh
52
512
A8000h-ABFFFh
51
512
A4000h-A7FFFh
50
512
A0000h-A3FFFh
49
512
9C000h-9FFFFh
48
512
98000h-9BFFFh
47
512
94000h-97FFFh
46
512
90000h-93FFFh
45
512
8C000h-8FFFFh
44
512
88000h-8BFFFh
43
512
84000h-87FFFh
42
512
80000h-83FFFh
41
512
7C000h-7FFFFh
40
512
78000h-7BFFFh
39
512
74000h-77FFFh
38
512
70000h-73FFFh
37
512
6C000h-6FFFFh
36
512
68000h-6BFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com