Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics M58BW16F Datasheet HTML 28Page - STMicroelectronics M58BW16F Datasheet HTML 29Page - STMicroelectronics M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
M58BW16F, M58BW32F
Bus operations
27/81
3.2
Synchronous bus operations
For synchronous bus operations refer to Table 7 together with the following text. The read
access will start at whichever of the three following events occurs last: valid address
transition, Chip Enable, E, going Low, VIL or Latch Enable, L, going Low, VIL.
3.2.1
Synchronous Burst Read
Synchronous Burst Read operations are used to read from the memory at specific times
synchronized to an external reference clock. The valid edge of the Clock signal is the rising
edge. Once the Flash memory is configured in Burst mode, it is mandatory to have an active
clock signal since the switching of the output buffer databus is synchronized to the rising
edge of the clock. In the absence of clock, no data is output.
The burst type, length and latency can be configured. The different configurations for
Synchronous Burst Read operations are described in the Burst Configuration Register
section. Refer to Figure 4 for examples of synchronous burst operations.
A valid Synchronous Burst Read operation begins when the Burst Clock is active and Chip
Enable and Latch Enable are Low, VIL. The burst start address is latched and loaded into
the internal Burst Address Counter on the valid Burst Clock K edge or on the rising edge of
Latch Enable, whichever occurs first.
After an initial memory latency time, the memory outputs data each clock cycle. The Burst
Address Advance B input controls the memory burst output. The second burst output is on
the next clock valid edge after the Burst Address Advance B has been pulled Low.
Valid Data Ready, R, monitors if the memory burst boundary is exceeded and the Burst
Controller of the microprocessor needs to insert wait states. When Valid Data Ready is Low
on the rising clock edge, no new data is available and the memory does not increment the
internal address counter at the active clock edge even if Burst Address Advance, B, is Low.
Valid Data Ready may be configured (by bit M8 of Burst Configuration Register) to be valid
immediately at the rising clock edge.
Synchronous Burst Read will be suspended if Burst Address Advance, B, goes High, VIH.
If Output Enable is at VIL and Output Disable is at VIH, the last data is still valid.
If Output Enable, G, is at VIH or Output Disable, GD, is at VIL, but the Burst Address
Advance, B, is at VIL the internal Burst Address Counter is incremented at each Burst Clock
K rising edge.
The Synchronous Burst Read timing diagrams and AC Characteristics are described in the
AC and DC Parameters section. See Figures 14, 17, 18 and 19, and Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com